Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS3012-ISZ Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS3012-ISZ
Description  Precision Low-voltage Amplifier; DC to 1 kHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3012-ISZ Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS3012-ISZ Datasheet HTML 4Page - Cirrus Logic CS3012-ISZ Datasheet HTML 5Page - Cirrus Logic CS3012-ISZ Datasheet HTML 6Page - Cirrus Logic CS3012-ISZ Datasheet HTML 7Page - Cirrus Logic CS3012-ISZ Datasheet HTML 8Page - Cirrus Logic CS3012-ISZ Datasheet HTML 9Page - Cirrus Logic CS3012-ISZ Datasheet HTML 10Page - Cirrus Logic CS3012-ISZ Datasheet HTML 11Page - Cirrus Logic CS3012-ISZ Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CS3011
CS3012
8
DS597F5
3. CS3011/CS3012 OVERVIEW
The CS3011/CS3012 amplifiers are designed for
precision measurement of signals from DC to
1 kHz when operating from a supply voltage of
+2.7 V to +6.7 V (
± 1.35 to ± 3.35 V). The amplifi-
ers are designed with a patented architecture that
utilizes multiple amplifier stages to yield very high
open loop gain at frequencies of 1 kHz and below.
The amplifiers yield low noise and low offset drift
while consuming relatively low supply current. An
increase in noise floor above 1 kHz is the result of
intermediate stages of the amplifier being operated
at very low currents. The amplifiers are intended
for amplifying small signals with large gains in ap-
plications where the output of the amplifier can be
band-limited to frequencies below 1 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com