Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5378-IS Datasheet(PDF) 73 Page - Cirrus Logic

Part # CS5378-IS
Description  Low-power Single-channel Decimation Filter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378-IS Datasheet(HTML) 73 Page - Cirrus Logic

Back Button CS5378-IS Datasheet HTML 69Page - Cirrus Logic CS5378-IS Datasheet HTML 70Page - Cirrus Logic CS5378-IS Datasheet HTML 71Page - Cirrus Logic CS5378-IS Datasheet HTML 72Page - Cirrus Logic CS5378-IS Datasheet HTML 73Page - Cirrus Logic CS5378-IS Datasheet HTML 74Page - Cirrus Logic CS5378-IS Datasheet HTML 75Page - Cirrus Logic CS5378-IS Datasheet HTML 76Page - Cirrus Logic CS5378-IS Datasheet HTML 77Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
CS5378
DS639F2
73
20.2.2
GPCFG : 0x0E
(MSB) 23
22
21
20
19
18
17
16
GP_DIR7
GP_DIR6
GP_DIR5
GP_DIR4
GP_DIR3
GP_DIR2
GP_DIR1
GP_DIR0
R/WR/W
R/WR/W
R/WR/W
R/WR/W
00
000000
15
14
13
12
11
10
9
8
GP_PULL7
GP_PULL6
GP_PULL5
GP_PULL4
GP_PULL3
GP_PULL2
GP_PULL1
GP_PULL0
R/WR/W
R/WR/W
R/WR/W
R/WR/W
11
111111
76
54321
(LSB) 0
GP_DATA7
GP_DATA6
GP_DATA5
GP_DATA4
GP_DATA3
GP_DATA2
GP_DATA1
GP_DATA0
R/WR/W
R/WR/W
R/WR/W
R/WR/W
11
111111
DF Address: 0x0E
--
Not defined;
read as 0
RReadable
WWritable
R/W
Readable and
Writable
Bits in bottom rows
are reset condition
Bit definitions:
Notes:
GPIO[7] also used as BOOT mode select after reset
GPIO[6:4] also used as PLL mode select after reset.
23:16 GP_DIR
[7:0]
GPIO pin direction
1: Output
0: Input
15:8
GP_PULL
[7:0]
GPIO pullup resistor
1: Enabled
0: Disabled
7:0
GP_DATA
[7:0]
GPIO data value
1: VDD
0: GND
Figure 44. GPIO Configuration Register GPCFG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com