Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5378-IS Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS5378-IS
Description  Low-power Single-channel Decimation Filter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378-IS Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS5378-IS Datasheet HTML 26Page - Cirrus Logic CS5378-IS Datasheet HTML 27Page - Cirrus Logic CS5378-IS Datasheet HTML 28Page - Cirrus Logic CS5378-IS Datasheet HTML 29Page - Cirrus Logic CS5378-IS Datasheet HTML 30Page - Cirrus Logic CS5378-IS Datasheet HTML 31Page - Cirrus Logic CS5378-IS Datasheet HTML 32Page - Cirrus Logic CS5378-IS Datasheet HTML 33Page - Cirrus Logic CS5378-IS Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 88 page
background image
CS5378
DS639F2
30
9. CONFIGURATION BY MICROCONTROLLER
After reset, the CS5378 reads the state of the
GPIO7:BOOT pin to determine a source for con-
figuration commands. If BOOT is low, the CS5378
receives configuration commands from a micro-
controller.
9.1 Pin Descriptions
Pins required for microcontroller boot are listed
here, other serial pins are inactive.
SS:EECS - Pin 27
Slave select input pin, active low. Serial chip select
input from a microcontroller.
MOSI - Pin 26
Serial data input pin. Valid on rising edge of SCK,
transition on falling edge.
MISO - Pin 25
Serial data output pin. Valid on rising edge of
SCK, transition on falling edge. Open drain output
requiring a 10 k
Ω pull-up resistor.
SCK - Pin 24
Serial clock input pin. Serial clock input from mi-
crocontroller, maximum 4.096 MHz.
9.2 Microcontroller Hardware Interface
When booting from a microcontroller the CS5378
receives configuration commands and configura-
tion data through serial transactions, as shown in
Figure 18. 8-bit SPI opcodes and 8-bit addresses
are combined to read and write 24-bit configuration
commands and data.
Microcontroller serial transactions require toggling
the SS:EECS pin as the CS5378 chip select and
writing a serial clock to the SCK input. Serial data
is input to the CS5378 on the MOSI pin, and output
on the MISO pin.
9.3 Microcontroller Serial Transactions
Microcontroller configuration commands are writ-
ten to the digital filter through SPI registers. A 24-
bit command and two 24-bit data words can be
written to the SPI registers in any single serial
transaction. Some commands require additional
data words through additional serial transactions to
complete.
9.3.1
SPI opcodes
A microcontroller communicates with the CS5378
serial port using standard 8-bit SPI opcodes and an
8-bit address. The standard SPI ‘Read’ and ‘Write’
opcodes are listed in Figure 18.
SCK
MISO
MOSI
Pin Logic
SPI™
Figure 17. Serial Interface Block Diagram
Command
SS:EECS
Registers
Digital Filter
Interpreter
Serial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com