Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT83C24B-PRRIM Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT83C24B-PRRIM
Description  Smart Card Reader Interface with Power Management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C24B-PRRIM Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT83C24B-PRRIM Datasheet HTML 17Page - ATMEL Corporation AT83C24B-PRRIM Datasheet HTML 18Page - ATMEL Corporation AT83C24B-PRRIM Datasheet HTML 19Page - ATMEL Corporation AT83C24B-PRRIM Datasheet HTML 20Page - ATMEL Corporation AT83C24B-PRRIM Datasheet HTML 21Page - ATMEL Corporation AT83C24B-PRRIM Datasheet HTML 22Page - ATMEL Corporation AT83C24B-PRRIM Datasheet HTML 23Page - ATMEL Corporation AT83C24B-PRRIM Datasheet HTML 24Page - ATMEL Corporation AT83C24B-PRRIM Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
21
4234G–SCR–01/07
AT83C24
Registers
Table 6. CONFIG0 (Config Byte 0)
7
6
5
4
3
2
1
0
1
0
ATRERR
INSERT
ICARDERR VCARDERR
VCARD1
VCARD0
Bit
Number
Bit Mnemonic Description
7-6
1-0
These bits cannot be programmed and are read as 1-0.
5
ATRERR
Answer to Reset Interrupt
This bit is set when the card clock counter overflows (no falling edge on CIO
is received before the overflow of the card clock counter).
This bit is cleared by hardware when this register is read. It can be set by
software for test purpose. The reset value is 0.
4
INSERT
Card Insertion Interrupt
This bit is set when a card is inserted or extracted: a change in CARDIN value
filtered according to CDS[2-0]. After power up, if the level on CPRES pin is 0,
then INSERT bit is set.
It can be set by software for test purpose.
This bit is cleared by hardware when this register is read. It cannot be cleared
by software.
The reset value is 0.
3
ICARDERR
Card Over Current Interrupt
This bit is set when an over current is detected on CVCC. It can be set by
software for test purpose (no card deactivation is performed, no IT is
performed).
This bit is cleared by hardware when this register is read. It cannot be cleared
by software.
The reset value is 0.
2
VCARDERR
Card Out of Range Voltage Interrupt
This bit is set when the output voltage goes out of the voltage range specified
by VCARD field. It can be set by software for test purpose and deactivate the
card.
This bit is cleared by hardware when this register is read. It cannot be cleared
by software.
The reset value is 0.
1-0
VCARD[1:0]
Card Voltage Selection
VCARD[1:0] = 00: 0V
VCARD[1:0] = 01: 1.8V (see STEPREG bit)
VCARD[1:0] = 10: 3V
VCARD[1:0] = 11: 5V
VCARD[1:0] writing to 1.8V, 3V, 5V starts the DC/DC if a card is detected.
VCARD[1:0] writing to 0 stops the DC/DC.
No card deactivation is performed when the voltage is changed between
1.8V, 3V or 5V. The microcontroller should deactivate the card before
changing the voltage.
The reset value is 00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com