Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT83C24B-PRRIM Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT83C24B-PRRIM
Description  Smart Card Reader Interface with Power Management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C24B-PRRIM Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT83C24B-PRRIM Datasheet HTML 25Page - ATMEL Corporation AT83C24B-PRRIM Datasheet HTML 26Page - ATMEL Corporation AT83C24B-PRRIM Datasheet HTML 27Page - ATMEL Corporation AT83C24B-PRRIM Datasheet HTML 28Page - ATMEL Corporation AT83C24B-PRRIM Datasheet HTML 29Page - ATMEL Corporation AT83C24B-PRRIM Datasheet HTML 30Page - ATMEL Corporation AT83C24B-PRRIM Datasheet HTML 31Page - ATMEL Corporation AT83C24B-PRRIM Datasheet HTML 32Page - ATMEL Corporation AT83C24B-PRRIM Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
29
4234G–SCR–01/07
AT83C24
Electrical Characteristics
Absolute Maximum Ratings *
(**) Exposed die attached pad must be soldered to ground
Thermal resistor are measured on multilayer PCB with 0 m/s air flow.
(***) including shortages between any groups of smart card pins.
AC/DC Parameters EVCC connected to host power supply: from 1.6V to 5.5V.
TA = -40°C to +85°C; VSS = 0V; VCC = 3V to 5.5V.
CLASS A card supplied with CVCC = 4.75 to 5.25V for AT83C24NDS
CLASS A card supplied with CVCC = 4.6 to 5.25V for AT83C24B
CLASS B card supplied with CVCC = 2.8V to 3.2V
CLASS C card supplied with CVCC = 1.68V to 1.92V
Ambient Temperature Under Bias: .....................-40°C to 85°C
Storage Temperature: ................................... -65°C to +150°C
Voltage on VCC: ........................................ VSS -0.5V to +6.0V
Voltage on SCIB pins (***): ......... CVSS -0.5V to CVCC + 0.5V
Voltage on host interface pins:.......VSS -0.5V to EVCC + 0.5V
Voltage on other pins: ...................... VSS -0.5V to VCC + 0.5V
Power Dissipation: .......................................................... 1.5W
Thermal resistor of QFN pack-
age..(**)............................35°C/W
Thermal resistor of SO package.................................48°C/W
*NOTICE:
Stresses at or above those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions above those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions may affect device reliability.
Power Dissipation value is based on the maxi-
mum allowable die temperature and the thermal
resistance of the package.
Table 17. Core (VCC)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
V
PFDP
Power fail high level threshold
2.4
2.5
2.6
V
V
PFDM
Power fail low level threshold
2.25
2.35
2.45
V
t
rise, tfall
V
DD rise and fall time
1 µs
600s
Not tested.
Table 18. Host Interface (I/O, C4, C8, CLK, A2, A1, A0, CMDVCC, PRES/INT)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
V
IL
Input Low-voltage
-0.5
0.3 x EVCC
0.25 x EVCC
V
EVCC from 2.7V to VCC
EVCC from 1.6 to 2.7V
V
IH
Input High Voltage
0.7 x EVCC
EVCC + 0.5
V
EAUTO=0
EAUTO=1
EVCC from 1.6V to VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com