Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT17F040 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT17F040
Description  FPGA Configuration Flash Memory
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17F040 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT17F040 Datasheet HTML 7Page - ATMEL Corporation AT17F040 Datasheet HTML 8Page - ATMEL Corporation AT17F040 Datasheet HTML 9Page - ATMEL Corporation AT17F040 Datasheet HTML 10Page - ATMEL Corporation AT17F040 Datasheet HTML 11Page - ATMEL Corporation AT17F040 Datasheet HTML 12Page - ATMEL Corporation AT17F040 Datasheet HTML 13Page - ATMEL Corporation AT17F040 Datasheet HTML 14Page - ATMEL Corporation AT17F040 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
3039K–CNFG–2/08
AT17F040/080
Notes:
1. Preliminary specifications for military operating range only.
2. AC test lead = 50 pF.
3. Float delays are measured with 5 pF AC loads. Transition is measured ± 200 mV from steady-state active levels.
4. See the AT17F Programming Specfication for procedural information.
16. AC Characteristics
Symbol
Description
AT17F040/080
Units
Min
Max
T
OE
(2)
OE to Data Delay
Commercial
50
ns
Industrial(1)
55
ns
T
CE
(2)
CE to Data Delay
Commercial
55
ns
Industrial(1)
60
ns
T
CAC
(2)
CLK to Data Delay
Commercial
3
30
ns
Industrial(1)
30
ns
T
OH
Data Hold from CE, OE, or CLK
Commercial
0
ns
Industrial(1)
0ns
T
DF
(3)
CE or OE to Data Float Delay
Commercial
15
ns
Industrial(1)
15
ns
T
LC
CLK Low Time
Commercial
15
ns
Industrial(1)
15
ns
T
HC
CLK High Time
Commercial
15
ns
Industrial(1)
15
ns
T
SCE
CE Setup Time to CLK
(to guarantee proper counting)
Commercial
20
ns
Industrial(1)
25
ns
T
HCE
CE Hold Time from CLK
(to guarantee proper counting)
Commercial
0
ns
Industrial(1)
0ns
T
HOE
RESET/OE Low Time
(guarantees counter is reset)
Commercial
20
ns
Industrial(1)
20
ns
F
MAX
Maximum Input Clock Frequency
SEREN = 0
Commercial
10
MHz
Industrial(1)
10
MHz
F
MAX
Maximum Input Clock Frequency
SEREN = 1
Commercial
33
MHz
Industrial(1)
33
MHz
T
WR
Write Cycle Time(4)
Commercial
12
µs
Industrial(1)
12
µs
T
EC
Erase Cycle Time(4)
Commercial
13
s
Industrial(1)
13
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com