Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT17F040 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT17F040
Description  FPGA Configuration Flash Memory
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17F040 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT17F040 Datasheet HTML 9Page - ATMEL Corporation AT17F040 Datasheet HTML 10Page - ATMEL Corporation AT17F040 Datasheet HTML 11Page - ATMEL Corporation AT17F040 Datasheet HTML 12Page - ATMEL Corporation AT17F040 Datasheet HTML 13Page - ATMEL Corporation AT17F040 Datasheet HTML 14Page - ATMEL Corporation AT17F040 Datasheet HTML 15Page - ATMEL Corporation AT17F040 Datasheet HTML 16Page - ATMEL Corporation AT17F040 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
3039K–CNFG–2/08
AT17F040/080
Note:
1. Airflow = 0 ft/min.
17. Thermal Resistance Coefficients
Package Type
AT17F040
AT17F080
8CN4
Leadless Array Package (LAP)
θ
JC [° C/W]
–
θ
JA [° C/W]
(1)
–
20J
Plastic Leaded Chip Carrier (PLCC)
θ
JC [° C/W]
–
θ
JA [° C/W]
(1)
–
44A
Thin Plastic Quad Flat Package (TQFP)
θ
JC [° C/W]
–
17
θ
JA [° C/W]
(1)
–62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com