Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51RD2-RDTUM Datasheet(PDF) 63 Page - ATMEL Corporation

Part # AT89C51RD2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RD2-RDTUM Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button AT89C51RD2-RDTUM Datasheet HTML 59Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 60Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 61Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 62Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 63Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 64Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 65Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 66Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 137 page
background image
63
4235K–8051–05/08
AT89C51RD2/ED2
16. Serial Port Interface (SPI)
The Serial Peripheral Interface Module (SPI) allows full-duplex, synchronous, serial communica-
tion between the MCU and peripheral devices, including other MCUs.
16.1
Features
Features of the SPI Module include the following:
• Full-duplex, three-wire synchronous transfers
• Master or Slave operation
• Eight programmable Master clock rates
• Serial clock with programmable polarity and phase
• Master Mode fault error flag with MCU interrupt capability
• Write collision flag protection
16.2
Signal Description
Figure 16-1 shows a typical SPI bus configuration using one Master controller and many Slave
peripherals. The bus is made of three wires connecting all the devices.
Figure 16-1. SPI Master/Slaves Interconnection
The Master device selects the individual Slave devices by using four pins of a parallel port to
control the four SS pins of the Slave devices.
16.2.1
Master Output Slave Input (MOSI)
This 1-bit signal is directly connected between the Master Device and a Slave Device. The MOSI
line is used to transfer data in series from the Master to the Slave. Therefore, it is an output sig-
nal from the Master, and an input signal to a Slave. A Byte (8-bit word) is transmitted most
significant bit (MSB) first, least significant bit (LSB) last.
16.2.2
Master Input Slave Output (MISO)
This 1-bit signal is directly connected between the Slave Device and a Master Device. The MISO
line is used to transfer data in series from the Slave to the Master. Therefore, it is an output sig-
nal from the Slave, and an input signal to the Master. A Byte (8-bit word) is transmitted most
significant bit (MSB) first, least significant bit (LSB) last.
Slave 1
MISO
MOSI
SCK
SS
0
1
2
3
Slave 3
Slave 4
Slave 2
VDD
Master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com