Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51RD2-RDTUM Datasheet(PDF) 94 Page - ATMEL Corporation

Part # AT89C51RD2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RD2-RDTUM Datasheet(HTML) 94 Page - ATMEL Corporation

Back Button AT89C51RD2-RDTUM Datasheet HTML 90Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 91Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 92Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 93Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 94Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 95Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 96Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 97Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 98Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 137 page
background image
94
4235K–8051–05/08
AT89C51RD2/ED2
24.3
Flash Registers and Memory Map
The AT89C51RD2/ED2 Flash memory uses several registers for its management:
• Hardware register can only be accessed through the parallel programming modes which are
handled by the parallel programmer.
• Software registers are in a special page of the Flash memory which can be accessed through
the API or with the parallel programming modes. This page, called "Extra Flash Memory", is
not in the internal Flash program memory addressing space.
24.3.1
Hardware Register
The only hardware register of the AT89C51RD2/ED2 is called Hardware Byte or Hardware
Security Byte (HSB).
Table 24-1.
Hardware Security Byte (HSB)
Boot Loader Jump Bit (BLJB)
One bit of the HSB, the BLJB bit, is used to force the boot address:
• When this bit is programmed (‘0’ value) the boot address is F800h.
• When this bit is unprogrammed (‘1’ value) the boot address is 0000h.
By default, this bit is programmed and the ISP is enabled.
24.3.2
Flash Memory Lock Bits
The three lock bits provide different levels of protection for the on-chip code and data when pro-
grammed as shown in Table 24-2.
7
6
5
4
3
2
1
0
X2
BLJB
-
-
XRAM
LB2
LB1
LB0
Bit
Number
Bit
Mnemonic
Description
7
X2
X2 Mode
Programmed (‘0’ value) to force X2 mode (6 clocks per instruction) after reset.
Unprogrammed (‘1’ Value) to force X1 mode, Standard Mode, after reset (Default).
6
BLJB
Boot Loader Jump Bit
Unprogrammed (‘1’ value) to start the user’s application on next reset at address 0000h.
Programmed (‘0’ value) to start the boot loader at address F800h on next reset (Default).
5
-
Reserved
4
-
Reserved
3
XRAM
XRAM config bit (only programmable by programmer tools)
Programmed to inhibit XRAM.
Unprogrammed, this bit to valid XRAM (Default).
2-0
LB2-0
User Memory Lock Bits (only programmable by programmer tools)
See Table 24-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com