Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51RD2-RDTUM Datasheet(PDF) 133 Page - ATMEL Corporation

Part # AT89C51RD2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RD2-RDTUM Datasheet(HTML) 133 Page - ATMEL Corporation

Back Button AT89C51RD2-RDTUM Datasheet HTML 129Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 130Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 131Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 132Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 133Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 134Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 135Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 136Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 137Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 133 / 137 page
background image
133
4235K–8051–05/08
AT89C51RD2/ED2
28. Document Revision History
28.1
Changes from 4235A -04/03 to 4135B - 06/03
1.
VIH min changed from 0.2 VCC + 1.1 to 0.2 VCC + 0.9.
2.
Added POR/PFD and reset specific sections.
3.
Added DIL40 package.
4.
Added Flash write programming time specification.
28.2
Changes from 4235B -06/03 to 4235C - 08/03
1.
Changed maximum frequency to 60 MHz in X1 mode and 30 MHz in X2 mode for Vcc =
4.5V to 5.5V and internal code execution.
2.
Added PDIL40 Packaging for AT89C51ED2.
28.3
Changes from 4235C - 08/03 to 4235D - 12/03
1.
Improved explanations throughout the document.
28.4
Changes from 4235D - 12/03 to 4235E - 04/04
1.
Improved explanations throughout the document.
28.5
Changes from 4235E - 04/04 to 4235F - 09/04
1.
Improved explanations in Flash and EEPROM sections.
28.6
Changes from 4235F - 09/04 to 4235G 08/05
1.
Added ‘Industrial & Green” product versions.
28.7
Changes from 4235G 08/05 to 4235H - 10/06
1.
Correction to PDIL figure on page 9.
28.8
Changes from 4235H - 10/06 to 4235I - 04/07
1.
Removal of PDIL40 package offering.
28.9
Changes from 4235I - 04/07 to 4235J - 01/08
1.
Minor corrections throughout the document.
2.
Updated Package drawings.
28.10 Changes from 4235J - 01/08 to 4235K - 05/08
1.
Removed non-green packages from product ordering information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com