Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3233B-40T6 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UPSD3233B-40T6
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3233B-40T6 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UPSD3233B-40T6 Datasheet HTML 18Page - STMicroelectronics UPSD3233B-40T6 Datasheet HTML 19Page - STMicroelectronics UPSD3233B-40T6 Datasheet HTML 20Page - STMicroelectronics UPSD3233B-40T6 Datasheet HTML 21Page - STMicroelectronics UPSD3233B-40T6 Datasheet HTML 22Page - STMicroelectronics UPSD3233B-40T6 Datasheet HTML 23Page - STMicroelectronics UPSD3233B-40T6 Datasheet HTML 24Page - STMicroelectronics UPSD3233B-40T6 Datasheet HTML 25Page - STMicroelectronics UPSD3233B-40T6 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 170 page
background image
uPSD3234A, uPSD3234BV, uPSD3233B, uPSD3233BV
22/170
External RAM. Table 10 shows a list of the Data
Transfer instructions that access external Data
Memory. Only indirect addressing can be used.
The choice is whether to use a one-byte address,
@Ri, where Ri can be either R0 or R1 of the se-
lected
register
bank,
or
a
two-byte
address, @DTPR.
Note: In all external Data RAM accesses, the Ac-
cumulator is always either the destination or
source of the data.
Lookup Tables. Table 11 shows the two instruc-
tions that are available for reading lookup tables in
Program Memory. Since these instructions access
only Program Memory, the lookup tables can only
be read, not updated.
The mnemonic is MOVC for “move constant.” The
first MOVC instruction in Table 11 can accommo-
date a table of up to 256 entries numbered 0
through 255. The number of the desired entry is
loaded into the Accumulator, and the Data Pointer
is set up to point to the beginning of the table.
Then:
MOVC A, @A+DPTR
copies the desired table entry into the Accumula-
tor.
The other MOVC instruction works the same way,
except the Program Counter (PC) is used as the
table base, and the table is accessed through a
subroutine. First the number of the desired en-try
is loaded into the Accumulator, and the subroutine
is called:
MOV A , ENTRY NUMBER
CALL TABLE
The subroutine “TABLE” would look like this:
TABLE: MOVC A , @A+PC
RET
The table itself immediately follows the RET (re-
turn) instruction is Program Memory. This type of
table can have up to 255 entries, numbered 1
through 255. Number 0 cannot be used, because
at the time the MOVC instruction is executed, the
PC contains the address of the RET instruction.
An entry numbered 0 would be the RET opcode it-
self.
Table 10. Data Transfer Instruction that Access External Data Memory Space
Table 11. Lookup Table READ Instruction
Address Width
Mnemonic
Operation
8 bits
MOVX A,@Ri
READ external RAM @Ri
8 bits
MOVX @Ri,A
WRITE external RAM @Ri
16 bits
MOVX A,@DPTR
READ external RAM @DPTR
16 bits
MOVX @DPTR,a
WRITE external RAM @DPTR
Mnemonic
Operation
MOVC A,@A+DPTR
READ program memory at (A+DPTR)
MOVC A,@A+PC
READ program memory at (A+PC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com