Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3233B-40T6 Datasheet(PDF) 46 Page - STMicroelectronics

Part # UPSD3233B-40T6
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3233B-40T6 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button UPSD3233B-40T6 Datasheet HTML 42Page - STMicroelectronics UPSD3233B-40T6 Datasheet HTML 43Page - STMicroelectronics UPSD3233B-40T6 Datasheet HTML 44Page - STMicroelectronics UPSD3233B-40T6 Datasheet HTML 45Page - STMicroelectronics UPSD3233B-40T6 Datasheet HTML 46Page - STMicroelectronics UPSD3233B-40T6 Datasheet HTML 47Page - STMicroelectronics UPSD3233B-40T6 Datasheet HTML 48Page - STMicroelectronics UPSD3233B-40T6 Datasheet HTML 49Page - STMicroelectronics UPSD3233B-40T6 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 170 page
background image
uPSD3234A, uPSD3234BV, uPSD3233B, uPSD3233BV
46/170
External Reset
The RESET pin is connected to a Schmitt trigger
for noise reduction. A RESET is accomplished by
holding the RESET pin LOW for at least 1ms at
power up while the oscillator is running. Refer to
AC spec on other RESET timing requirements.
Low VDD Voltage Reset
An internal reset is generated by the LVR circuit
when the VDD drops below the reset threshold. Af-
ter VDD reaching back up to the reset threshold,
the RESET signal will remain asserted for 10ms
before it is released. On initial power-up the LVR
is enabled (default). After power-up the LVR can
be disabled via the LVREN Bit in the PCON Reg-
ister.
Note: The LVR logic is still functional in both the
Idle and Power-down Modes.
The reset threshold:
■
5V operation:
4V +/- 0.25V
■
3.3V operation: 2.5V +/-0.2V
This logic supports approximately 0.1V of hystere-
sis and 1µs noise-cancelling delay.
Watchdog Timer Overflow
The Watchdog timer generates an internal reset
when its 22-bit counter overflows. See Watchdog
Timer section for details.
USB Reset
The USB reset is generated by a detection on the
USB bus RESET signal. A single-end zero on its
upstream port for 4 to 8 times will set RSTF Bit in
UISTA register. If Bit 6 (RSTE) of the UIEN Regis-
ter is set, the detection will also generate the
RESET signal to reset the CPU and other periph-
erals in the MCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com