Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3233B-40U6 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UPSD3233B-40U6
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3233B-40U6 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UPSD3233B-40U6 Datasheet HTML 33Page - STMicroelectronics UPSD3233B-40U6 Datasheet HTML 34Page - STMicroelectronics UPSD3233B-40U6 Datasheet HTML 35Page - STMicroelectronics UPSD3233B-40U6 Datasheet HTML 36Page - STMicroelectronics UPSD3233B-40U6 Datasheet HTML 37Page - STMicroelectronics UPSD3233B-40U6 Datasheet HTML 38Page - STMicroelectronics UPSD3233B-40U6 Datasheet HTML 39Page - STMicroelectronics UPSD3233B-40U6 Datasheet HTML 40Page - STMicroelectronics UPSD3233B-40U6 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 170 page
background image
37/170
uPSD3234A, uPSD3234BV, uPSD3233B, uPSD3233BV
Interrupt Priority Structure
Each interrupt source can be assigned one of two
priority levels. Interrupt priority levels are defined
by the interrupt priority special function register IP
and IPA.
0 = low priority
1 = high priority
A low priority interrupt may be interrupted by a
high priority interrupt level interrupt. A high priority
interrupt routine cannot be interrupted by any oth-
er interrupt source. If two interrupts of different pri-
ority occur simultaneously, the high priority level
request is serviced. If requests of the same priority
are received simultaneously, an internal polling
sequence determines which request is serviced.
Thus, within each priority level, there is a second
priority structure determined by the polling se-
quence.
Interrupts Enable Structure
Each interrupt source can be individually enabled
or disabled by setting or clearing a bit in the inter-
rupt enable special function register IE and IEA. All
interrupt source can also be globally disabled by
clearing Bit EA in IE.
Table 19. Priority Levels
Table 20. Description of the IE Bits
Table 21. Description of the IEA Bits
Source
Priority with Level
Int0
0 (highest)
2nd USART
1
Timer 0
2
I²C
3
Int1
4
DDC
5
Timer 1
6
USB
7
1st USART
8
Timer 2+EXF2
9 (lowest)
Bit
Symbol
Function
7EA
Disable all interrupts:
0: no interrupt with be acknowledged
1: each interrupt source is individually enabled or disabled by setting or clearing its
enable bit
6—
Reserved
5
ET2
Enable Timer 2 Interrupt
4
ES
Enable USART Interrupt
3
ET1
Enable Timer 1 Interrupt
2
EX1
Enable external Interrupt (Int1)
1
ET0
Enable Timer 0 Interrupt
0
EX0
Enable external Interrupt (Int0)
Bit
Symbol
Function
7
EDDC
Enable DDC Interrupt
6—
Not used
5—
Not used
4
ES2
Enable 2nd USART Interrupt
3—
Not used
2—
Not used
1
EI2C
Enable I²C Interrupt
0
EUSB
Enable USB Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com