Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3233B-40U6 Datasheet(PDF) 41 Page - STMicroelectronics

Part # UPSD3233B-40U6
Description  Flash Programmable System Devices with 8032 Microcontroller Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3233B-40U6 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button UPSD3233B-40U6 Datasheet HTML 37Page - STMicroelectronics UPSD3233B-40U6 Datasheet HTML 38Page - STMicroelectronics UPSD3233B-40U6 Datasheet HTML 39Page - STMicroelectronics UPSD3233B-40U6 Datasheet HTML 40Page - STMicroelectronics UPSD3233B-40U6 Datasheet HTML 41Page - STMicroelectronics UPSD3233B-40U6 Datasheet HTML 42Page - STMicroelectronics UPSD3233B-40U6 Datasheet HTML 43Page - STMicroelectronics UPSD3233B-40U6 Datasheet HTML 44Page - STMicroelectronics UPSD3233B-40U6 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 170 page
background image
41/170
uPSD3234A, uPSD3234BV, uPSD3233B, uPSD3233BV
Idle Mode
The instruction that sets PCON.0 is the last in-
struction executed in the normal operating mode
before Idle Mode is activated. Once in the Idle
Mode, the CPU status is preserved in its entirety:
Stack pointer, Program counter, Program status
word, Accumulator, RAM and All other registers
maintain their data during Idle Mode.
There are three ways to terminate the Idle Mode.
–
Activation of any enabled interrupt will cause
PCON.0 to be cleared by hardware
terminating Idle mode. The interrupt is
serviced, and following return from interrupt
instruction RETI, the next instruction to be
executed will be the one which follows the
instruction that wrote a logic '1' to PCON.0.
–
External hardware reset: the hardware reset is
required to be active for two machine cycle to
complete the RESET operation.
–
Internal reset: the microcontroller restarts after
3 machine cycles in all cases.
Power-Down Mode
The instruction that sets PCON.1 is the last exe-
cuted prior to going into the Power-down Mode.
Once in Power-down Mode, the oscillator is
stopped. The contents of the on-chip RAM and the
Special Function Register are preserved.
The Power-down Mode can be terminated by an
external RESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com