Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATR2406-DEV-KIT2 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATR2406-DEV-KIT2
Description  Low-IF 2.4-GHz ISM Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2406-DEV-KIT2 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATR2406-DEV-KIT2 Datasheet HTML 9Page - ATMEL Corporation ATR2406-DEV-KIT2 Datasheet HTML 10Page - ATMEL Corporation ATR2406-DEV-KIT2 Datasheet HTML 11Page - ATMEL Corporation ATR2406-DEV-KIT2 Datasheet HTML 12Page - ATMEL Corporation ATR2406-DEV-KIT2 Datasheet HTML 13Page - ATMEL Corporation ATR2406-DEV-KIT2 Datasheet HTML 14Page - ATMEL Corporation ATR2406-DEV-KIT2 Datasheet HTML 15Page - ATMEL Corporation ATR2406-DEV-KIT2 Datasheet HTML 16Page - ATMEL Corporation ATR2406-DEV-KIT2 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
4779N–ISM–12/08
ATR2406
7.7
Control Signals
The various transceiver functions are activated by the following control signals. A timing pro-
posal is shown in Figure 7-3 on page 14
7.8
Serial Programming Bus
The transceiver is programmed by the SPI (CLOCK, DATA and ENABLE).
After setting the enable signal to low, the data is transferred bit by bit into the shift register on the
rising edge of the clock signal, starting with the MSBit. When the enable signal has returned to
high, the programmed information is active. Additional leading bits are ignored and there is no
check made of how many clock pulses arrived during enable low.
The programming of the transceiver is done by a 16-bit or 25-bit data word (for the RX clock
recovery mode).
7.9
3-wire Bus Timing
Figure 7-2.
3-wire Bus Protocol Timing Diagram
Table 7-7.
Control Signals and Functions
Signal
Functions
PU_REG
Activates AUX voltage regulator and the VCO voltage regulator supplying the
complete transceiver
PU_TRX
Activates RX/TX blocks
RX_ON
Activates RX circuits: DEMOD, IF AMP, IR MIXER
TX_ON
Activates TX circuits: PA, RAMP GEN, Starts RAMP SIGNAL at RAMP_OUT
nOLE
Disables open loop mode of the PLL
DATA
CLOCK
ENABLE
TT
TEC
TS
TC
TH
TL
TPER
Table 7-8.
3-wire Bus Protocol Table
Description
Symbol
Minimum Value
Unit
Clock period
TPER
100
ns
Set time data to clock
TS
20
ns
Hold time data to clock
TH
20
ns
Clock pulse width
TC
60
ns
Set time enable to clock
TL
100
ns
Hold time enable to data
TEC
0
ns
Time between two protocols
TT
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com