Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATR2406-DEV-KIT2 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATR2406-DEV-KIT2
Description  Low-IF 2.4-GHz ISM Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2406-DEV-KIT2 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATR2406-DEV-KIT2 Datasheet HTML 1Page - ATMEL Corporation ATR2406-DEV-KIT2 Datasheet HTML 2Page - ATMEL Corporation ATR2406-DEV-KIT2 Datasheet HTML 3Page - ATMEL Corporation ATR2406-DEV-KIT2 Datasheet HTML 4Page - ATMEL Corporation ATR2406-DEV-KIT2 Datasheet HTML 5Page - ATMEL Corporation ATR2406-DEV-KIT2 Datasheet HTML 6Page - ATMEL Corporation ATR2406-DEV-KIT2 Datasheet HTML 7Page - ATMEL Corporation ATR2406-DEV-KIT2 Datasheet HTML 8Page - ATMEL Corporation ATR2406-DEV-KIT2 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
4779N–ISM–12/08
ATR2406
Table 2-1.
Pin Description
Pin
Symbol
Function
1
PU_REG
Power-up input for auxiliary regulator
2
REF_CLK
Reference frequency input
3
RSSI
Received signal strength indicator output
4
VS_IFD
Digital supply voltage
5
VS_IFA
Analog supply voltage for IF circuits
6
RX-CLOCK
RX-CLOCK, if RX mode with clock recovery is active
7
IC
Internally connected. Connect to VS if internal AUX regulator is not used
8
IREF
External resistor for band-gap reference
9
REG_CTRL
Auxiliary voltage regulator control output
10
VREG
Auxiliary voltage regulator output
11
VS_REG
Auxiliary voltage regulator supply voltage
12
REG_DEC
Decoupling pin for VCO_REG
13
VREG_VCO
VCO voltage regulator
14
VTUNE
VCO tuning voltage input
15
CP
Charge-pump output
16
VS_SYN
Synchronous supply voltage
17
VS_TRX
Transmitter receiver supply voltage
18
RX_IN2
Differential receiver input 2
19
RX_IN1
Differential receiver input 1
20
TX_OUT
TX driver amplifier output
21
RAMP_OUT
Ramp generator output for PA power ramping
22
IC
Internally connected, do not connect on PCB
23
IC
Internally connected, do not connect on PCB
24
RX_ON
RX control input
25
TX_ON
TX control input
26
nOLE
Open loop enable input
27
PU_TRX
RX/TX/PLL/VCO power-up input
28
RX_DATA
RX data output
29
TX_DATA
TX data input
30
CLOCK
3-wire-bus: Clock input
31
DATA
3-wire-bus: Data input
32
ENABLE
3-wire-bus: Enable input
Paddle
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com