Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATSAM3703 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATSAM3703
Description  Audio Processing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3703 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATSAM3703 Datasheet HTML 3Page - ATMEL Corporation ATSAM3703 Datasheet HTML 4Page - ATMEL Corporation ATSAM3703 Datasheet HTML 5Page - ATMEL Corporation ATSAM3703 Datasheet HTML 6Page - ATMEL Corporation ATSAM3703 Datasheet HTML 7Page - ATMEL Corporation ATSAM3703 Datasheet HTML 8Page - ATMEL Corporation ATSAM3703 Datasheet HTML 9Page - ATMEL Corporation ATSAM3703 Datasheet HTML 10Page - ATMEL Corporation ATSAM3703 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
6237A–DRMSD–29-May-06
ATSAM3703
6.
Pinout
6.1
Pin Description
Identical sharing number indicates multifunction pins.
Pd indicates pin with built-in pull-down resistor.
Pu indicates pin with built-in pull-up resistor.
SSTL indicates a SSTL_2 class 1 compliant I/O pin.
Table 6-1.
ATSAM3703 Pin Description
Pin Name
Pin Number
Type
Sharing
Description
GND
1, 13, 24, 32, 40, 45, 49,
54, 61, 70
PWR
-
Digital ground. All these pins should be returned to a ground
plane
VC18
28, 46, 62, 77
PWR
-
Core power. All these pins should be returned to nominal 1.8V
or to PWROUT if the built-in power switch is used.
VC33
4, 76
PWR
-
Periphery power. All these pins should be returned to nominal
3.3V.
VC25
22, 33, 42, 50, 55
PWR
Memory PAD Power +2.25V to +3.6V. All VC25 pins should be
returned to +2.5V (for DDR SDRAM) or 3.3V (for SDRAM)
PWRIN
59
PWR
-
Power switch input, should be returned to nominal 1.8V even if
the power switch is not used.
PWROUT
58
PWR
-
Power switch output, should be connected to all VC18 pins if
the power switch is used.
VREF
41
In
VC25/2 reference for SSTL_2 pins.
D7 - D0
10, 9, 8, 7, 6, 5, 3, 2
I/O
Pd
1
Slave 8-bit interface data. Output if CS and RD are low (read
from chip), input if CS and WR are low (write to chip). Type of
data defined by A0 input.
I/O7 - I/O0
10, 9, 8, 7, 6, 5, 3, 2
I/O
Pd
1
SmartMedia data or other peripheral data
P0.7 - P0.0
10, 9, 8, 7, 6, 5, 3, 2
I/O
Pd
1
General purpose I/O can individually be programmed as input
or output
CLAD3 - 0
10, 9, 8, 7
In
Pd
1
Optional bit clocks and word selects for digital audio input.
Used for sampling rate conversion, for external incoming digital
audio such as AES/BEU or S/Pdif.
WSAD3 - 0
6, 5, 3, 2
In
Pd
1
A0
16
In
2
Slave 8-bit interface address. Indicates data/status or data/ctrl
transfer type (CS RD low or CS WR low)
SMPD
16
In
2
SmartMedia presence detect
P0.10
16
In
2
General purpose input pin
SCLK
16
In
2
Serial slave synchronous interface input clock
CS
12
In
Pu
3
Slave 8-bit interface chip select, active low.
P0.11
12
In
Pu
3
General purpose input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com