Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATSAM3703 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATSAM3703
Description  Audio Processing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3703 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATSAM3703 Datasheet HTML 1Page - ATMEL Corporation ATSAM3703 Datasheet HTML 2Page - ATMEL Corporation ATSAM3703 Datasheet HTML 3Page - ATMEL Corporation ATSAM3703 Datasheet HTML 4Page - ATMEL Corporation ATSAM3703 Datasheet HTML 5Page - ATMEL Corporation ATSAM3703 Datasheet HTML 6Page - ATMEL Corporation ATSAM3703 Datasheet HTML 7Page - ATMEL Corporation ATSAM3703 Datasheet HTML 8Page - ATMEL Corporation ATSAM3703 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Features
Three DSPs and 24-bit Audio Router On-chip
32 kHz to 96 kHz Sampling Rate
Enhanced P16 Processor with C Compiler
New 48-bit Double-precision DSP Instructions
Built-in 16K x 16 Flash Memory
Built-in 8K x 24 RAM
Secure Code - Copy Protected
Direct Connection of LEDs, Switches
Direct Connection of LCD Display
8 Channels for Audio In + Out
DDR-SDRAM/SDRAM Support in Burst Mode
MIDI In/Out
8-bit Parallel Interface
Warm Start Power-down
Deep Power-down (< 5 µA) Using Built-in Power Switch
LQFP80 Package
Typical Applications: Effect Processing (reverb, echo, chorus, etc.), MP3 Decoding,
Filtering, Sampling Rate Conversion, Professional Audio, Consumer Electronic, MP3
Player
1.
Description
The ATSAM3703 is a new member of the SAM3000 family of sound synthesis/pro-
cessing ICs that uses the DSP array technology. It is designed for superior quality
sound processing. The 16-bit processor has new instructions and a C compiler for
quicker reliable firmware development. Total compatibility is maintained with the other
members of the family. Applications written for the ATSAM3703 can be burned into
the built-in Flash memory. This memory has specific features to avoid external read of
the coded data, thus ensuring very effective copy protection.
The minimum configuration for a product is ATSAM3703 + Codec. An external
SDRAM/DDR-SDRAM is needed if the 8K internal RAM is not sufficient for extended
delay line buffers, such as high-quality reverb.
Audio
Processing
ATSAM3703
High-
performance
Low-cost
Effect
Processor
6237A–DRMSD–29-May-06


Similar Part No. - ATSAM3703

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3103 ATMEL-ATSAM3103 Datasheet
179Kb / 24P
ATSAM3103 VERSATILE LOW-POWER AUDIO DSP/LOW-COST EFFECTS DSP
ATSAM3108B ATMEL-ATSAM3108B Datasheet
309Kb / 23P
Audio Processing
ATSAM3303 ATMEL-ATSAM3303 Datasheet
182Kb / 25P
GM-Lite Synthesizer/Professional Effects DSP
ATSAM3308 ATMEL-ATSAM3308 Datasheet
171Kb / 24P
Combined MIDI-Synthesizer and MP3 Decoder
ATSAM3308B ATMEL-ATSAM3308B Datasheet
358Kb / 27P
Audio Processing
More results

Similar Description - ATSAM3703

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCPC1353 UTC-UTCPC1353 Datasheet
52Kb / 4P
TV AUDIO PROCESSING CIRCUIT
logo
Linear Integrated Syste...
PC1353 LINEAR-PC1353 Datasheet
55Kb / 4P
TV AUDIO PROCESSING CIRCUIT
logo
ATMEL Corporation
ATSAM3308B ATMEL-ATSAM3308B Datasheet
358Kb / 27P
Audio Processing
ATSAM3108B ATMEL-ATSAM3108B Datasheet
309Kb / 23P
Audio Processing
ATSAM2195 ATMEL-ATSAM2195 Datasheet
1Mb / 19P
Audio Processing
ATSAM2533 ATMEL-ATSAM2533 Datasheet
506Kb / 19P
Audio Processing
logo
Unisonic Technologies
PC1353 UTC-PC1353_15 Datasheet
97Kb / 5P
TV AUDIO PROCESSING CIRCUIT
logo
ON Semiconductor
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
Audio Processing System LSI
May 2015 - Rev. 1
logo
VLSI Solution Oy
VS1005G VLSI-VS1005G Datasheet
2Mb / 118P
Audio Processing Platform IC
Version: 0.63, 2014-12-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com