Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATSAM2553 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATSAM2553
Description  Sound Synthesis
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2553 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATSAM2553 Datasheet HTML 1Page - ATMEL Corporation ATSAM2553 Datasheet HTML 2Page - ATMEL Corporation ATSAM2553 Datasheet HTML 3Page - ATMEL Corporation ATSAM2553 Datasheet HTML 4Page - ATMEL Corporation ATSAM2553 Datasheet HTML 5Page - ATMEL Corporation ATSAM2553 Datasheet HTML 6Page - ATMEL Corporation ATSAM2553 Datasheet HTML 7Page - ATMEL Corporation ATSAM2553 Datasheet HTML 8Page - ATMEL Corporation ATSAM2553 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Features
• Interfaces Directly to Instrument Hardware
– Keyboard Velocity Scanner (up to 264 keys, 64 µs Time Accuracy, Log Time Scale)
– Switches Scanner (up to 176 switches)
– LED Display Controller (up to 88 LEDs)
– Sliders Scanner (Built-in ADC, up to 16 Sliders)
– LCD Display (8-bit Interface)
• Crisp Musical Response
– 49 MHz Built-in 16-bit Microcontroller
– Interface with Keyboard/Switches through Built-in Shared Memory
• High Quality Sound
– 64-slot Digital Sound Synthesizer/Processor
– Multi-algorithm: PCM with Dynamic LP Filter, FM, Delay Lines for Effects,
Equalizer, Surround, Digital Audio-in Processing, etc.
– Compatible with ATSAM97XX Sounds and Firmware.
– 48 kHz Sampling Rate
– Up to 32 Mega x 16 ROM/RAM for FIrmware, Orchestrations and PCM Data
– Up to 4 Channels Audio-out, 2 Channels Audio-in
• Top Technology
– 128-lead LQFP Space-saving Package
– Single 12.2880 MHz Crystal Operation, Built-in Pll Minimizes RFI
• Available Soundbanks for GM or High Quality Piano
– CleanWave 1-Mbyte and 4-Mbyte Sample Sets (Free License)
– High Quality Piano & Strings 2-Mbyte Sample Set
– Other Sample Sets Available Under Special Licensing Conditions
• Quick Time to Market
– Enhanced P16 Processor with C Compiler
– Proven Reliable Synthesis Drivers
– In-circuit Emulation with SamVS-C Debugger for Easy Prototype Development
– Built-in External Flash Programming Algorithm, Allows Onboard Flash
Programming.
– All Existing ATSAM97xx and ATSAMA2xxx Tools Available for Sound and
Soundbank Development
1.
Description
The ATSAM2553 integrates into a single chip a SAM core (64-slots DSP + 16-bit pro-
cessor), a 32K x 16 RAM, an LCD display interface and a scanner allowing direct
connection to velocity sensitive keyboards, switches, LEDs and sliders. With addition
of a single external ROM or Flash and a stereo DAC, a complete low cost musical
instrument can be built, including reverb and chorus effects, parametric equalizer, sur-
round effects, orchestrations, pitch bend, wheel controller, without compromising on
sound quality. The ATSAM2553 is housed in a standard 128-lead LQFP package.
Sound
Synthesis
ATSAM2553
Integrated
Digital Musical
Instrument
6399A–DRMSD–13-Oct-08


Similar Part No. - ATSAM2553

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM2533 ATMEL-ATSAM2533 Datasheet
506Kb / 19P
Audio Processing
More results

Similar Description - ATSAM2553

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM9703 ATMEL-ATSAM9703 Datasheet
126Kb / 16P
Sound Synthesis
STSAM9708 ATMEL-STSAM9708 Datasheet
373Kb / 30P
Sound Synthesis
ATSAM2193 ATMEL-ATSAM2193 Datasheet
130Kb / 14P
Sound Synthesis
ATSAM9743 ATMEL-ATSAM9743 Datasheet
156Kb / 21P
Sound Synthesis Single-chip Music System
logo
OKI electronic componet...
MSM6585 OKI-MSM6585 Datasheet
275Kb / 16P
ADPCM Voice Synthesis IC
logo
List of Unclassifed Man...
SAA1099 ETC1-SAA1099 Datasheet
1,014Kb / 15P
MICROPROCESSOR CONTROLLED STEREO SOUND GENERATOR FOR SOUND EFFECTS AND MUSIC SYNTHESIS
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
ADPCM Speech Synthesis LSI
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
ADPCM Speech Synthesis LSI
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
ADPCM Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com