Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATSAM2553 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # ATSAM2553
Description  Sound Synthesis
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2553 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button ATSAM2553 Datasheet HTML 21Page - ATMEL Corporation ATSAM2553 Datasheet HTML 22Page - ATMEL Corporation ATSAM2553 Datasheet HTML 23Page - ATMEL Corporation ATSAM2553 Datasheet HTML 24Page - ATMEL Corporation ATSAM2553 Datasheet HTML 25Page - ATMEL Corporation ATSAM2553 Datasheet HTML 26Page - ATMEL Corporation ATSAM2553 Datasheet HTML 27Page - ATMEL Corporation ATSAM2553 Datasheet HTML 28Page - ATMEL Corporation ATSAM2553 Datasheet HTML 29Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
25
6399A–DRMSD–13-Oct-08
ATSAM2553
Note: There are three possible values for Key page.
0: Value sampled at Row4 = 0, Row3 = 0
1: Value sampled at Row4 = 0, Row3 = 1
2: Value sampled at Row4 = 1, Row3 = 0
3: Not used.
12.5.1
KBD Status (I/O add OCH Read-only)
• D[7] KRQ flag = 1 indicates that a key-on or key-off has been detected and that the P16
service is requested. This flag is automatically cleared by a write to data H for the detected
key.
• D[6:0] specify which keyboard key is requesting the service, valid only if KRQ flag = 1. Key nb
range from 0 to 87.
• D[9:8] specify the Key page
12.5.2
RAM Add (I/O add OCH Write-only)
• D[6:0] RAM address
• D[7] don't care
• D[9:8] Key page
“i” refers to the Mki or Bri signal number which ranges from 0 to 10. For example, the information
regarding the key at row 2, column MK5/BR5, will be found at RAM address 8*5+2=42.
The scanning hardware cycles the row[2:0] signals from 0 to 7 to the output pins in 41.6 µs (5.2
µs per row).
12.5.3
RAM Data (I/O add ODH Read/Write)
Data[10:0]
I/O add ODH, Data[10:0]
Data[15:11]
don't care
Scanning RAM data format:
Key Page
Add
Index
Content
Value: 0,1,2
00H to 57H
8*i+row[2:0]
Key velocity and status
Don't-care
58H to 5FH
row[2:0]
Led data
Don't-care
60H to 6FH
row[3:0]
Switch status
Don't-care
70H to 7FH
row[3:0]
ADC value
Bit–>
10
9876543210
Key velocity & status
SRQ
ON
BUSY
VEL
LED data
MK10
MK9
MK8
MK7
MK6
MK5
MK4
MK3
MK2
MK1
MK0
Switch data
BR10
BR9
BR8
BR7
BR6
BR5
BR4
BR3
BR2
BR1
BR0
ADC status
X
X
X
ADC DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com