Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72372J4B1 Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST72372J4B1
Description  8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72372J4B1 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST72372J4B1 Datasheet HTML 67Page - STMicroelectronics ST72372J4B1 Datasheet HTML 68Page - STMicroelectronics ST72372J4B1 Datasheet HTML 69Page - STMicroelectronics ST72372J4B1 Datasheet HTML 70Page - STMicroelectronics ST72372J4B1 Datasheet HTML 71Page - STMicroelectronics ST72372J4B1 Datasheet HTML 72Page - STMicroelectronics ST72372J4B1 Datasheet HTML 73Page - STMicroelectronics ST72372J4B1 Datasheet HTML 74Page - STMicroelectronics ST72372J4B1 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 94 page
background image
71/94
ST72371/ST72372
PWM/BRM GENERATOR (Cont’d)
4.6.3.2 12-Bit PWM/BRM
The 12 bits of the 12-bit PWM/BRM generator are
distributed as 6 PWM bits and 6 BRM bits.
PWM Generation
The functionality of the PWM generation is equiva-
lent to the PWM generation of the 10-bit PWM/
BRM described in the previous paragraph and so
will not be repeated here. Please refer to the pre-
vious paragraph for functionality, to be used in
conjunction with the Register description.
BRM Generation
A 6-bit BRM register defining the intervals where
an incremental pulse (with duration of TCPU)is
added to the beginning of the original PWM pulse.
4.6.3.3 PWM/BRM OUTPUTS
The PWM/BRM outputs are assigned to dedicated
pins.
If necessary, these pins can be used in push-pull
or open-drain modes under software control.
In these pins, the PWM/BRM outputs are connect-
ed to a serial resistor which must be taken into ac-
count to calculate the RC filter.
Figure 33. Precision for PWM/BRM Tuning for VOUTEFF (After filtering)
BRM 6 - Bit Data
Incremental Pulse Intervals
000000
none
000001
i = 32
000010
i = 16,48
000100
i = 8,24,40,56
001000
i = 4,12,20,28,36,44,52,60
010000
i = 2,6,10,...50,54,58,62
100000
i = 1,3,5,7,9,...55,59,61,63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com