Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72372J4B1 Datasheet(PDF) 93 Page - STMicroelectronics

Part # ST72372J4B1
Description  8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72372J4B1 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button ST72372J4B1 Datasheet HTML 86Page - STMicroelectronics ST72372J4B1 Datasheet HTML 87Page - STMicroelectronics ST72372J4B1 Datasheet HTML 88Page - STMicroelectronics ST72372J4B1 Datasheet HTML 89Page - STMicroelectronics ST72372J4B1 Datasheet HTML 90Page - STMicroelectronics ST72372J4B1 Datasheet HTML 91Page - STMicroelectronics ST72372J4B1 Datasheet HTML 92Page - STMicroelectronics ST72372J4B1 Datasheet HTML 93Page - STMicroelectronics ST72372J4B1 Datasheet HTML 94Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 93 / 94 page
background image
93/94
ST72371/ST72372
ST72371/ST72372 MICROCONTROLLER OPTION LIST
Customer
. . . .... .. .... ... . . . . . . . . . ... .
Address
... .... .. .... ... . . . . . . . . . ... .
... .... .. .... ... . . . . . . . . . ... .
Contact
. . . .... .. .... ... . . . . . . . . . ... .
Phone No
... .... .. .... ... . . . . . . . . . ... .
Reference
. . . .... .. .... ... . . . . . . . . . ... .
SGS-THOMSON Microelectronics references
Device:
[ ] ST72371/ST72372
Package:
[ ] Dual in Line Plastic [ ] Thin Quad Flat Pack:
[ ] Standard (Stick)
[ ] Tape & Reel
Temperature Range:
[ ] 0
°Cto + 70°C
Special Marking:
[ ] No
[ ] Yes ”_ _ _ _ _ _ _ _ _ _ _ ”
Authorized characters are letters, digits, ’.’, ’-’, ’/’ and spaces only.
Maximum character count: SDIP42:
16
SDIP56:
11
TQFP64:
10
Comments :
Supply Operating Range in the application:
Oscillator Frequency in the application:
Notes
. . . .... .. .... ... . . . . . . . . . ... .
Signature
. . . .... .. .... ... . . . . . . . . . ... .
Date
... .... .. .... ... . . . . . . . . . ... .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com