Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC6419DA07ML Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6419DA07ML
Description  Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6419DA07ML Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6419DA07ML Datasheet HTML 9Page - Torex Semiconductor XC6419DA07ML Datasheet HTML 10Page - Torex Semiconductor XC6419DA07ML Datasheet HTML 11Page - Torex Semiconductor XC6419DA07ML Datasheet HTML 12Page - Torex Semiconductor XC6419DA07ML Datasheet HTML 13Page - Torex Semiconductor XC6419DA07ML Datasheet HTML 14Page - Torex Semiconductor XC6419DA07ML Datasheet HTML 15Page - Torex Semiconductor XC6419DA07ML Datasheet HTML 16Page - Torex Semiconductor XC6419DA07ML Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13/29
XC6419
Series
(2) 出力電圧-入力電圧特性例
XC6419(VOUT1=1.5V) VR1
0.0
0.5
1.0
1.5
2.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
InputVoltage : VIN (V)
IOUT1=1mA
IOUT1=10mA
IOUT1=30mA
IOUT1=100mA
Ta=25℃, CIN=1.0μF(ceramic), CL1=1.0μF(ceramic)
XC6419(VOUT1=2.8V) VR1
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
0.0
1.0
2.0
3.0
4.0
5.0
6.0
InputVoltage : VIN (V)
IOUT1=1mA
IOUT1=10mA
IOUT1=30mA
IOUT1=100mA
Ta=25℃, CIN=1.0μF(ceramic), CL1=1.0μF(ceramic)
XC6419(VOUT1=1.5V) VR1
1.35
1.40
1.45
1.50
1.55
1.60
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
InputVoltage : VIN (V)
IOUT1=1mA
IOUT1=10mA
IOUT1=30mA
IOUT1=100mA
Ta=25℃, CIN=1.0μF(ceramic), CL1=1.0μF(ceramic)
XC6419(VOUT1=2.8V) VR1
2.65
2.70
2.75
2.80
2.85
2.90
3.5
4.0
4.5
5.0
5.5
6.0
InputVoltage : VIN (V)
IOUT1=1mA
IOUT1=10mA
IOUT1=30mA
IOUT1=100mA
Ta=25℃, CIN=1.0μF(ceramic), CL1=1.0μF(ceramic)
XC6419(VOUT2=1.5V) VR2
0.0
0.5
1.0
1.5
2.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
InputVoltage : VIN (V)
IOUT2=1mA
IOUT2=10mA
IOUT2=30mA
Ta=25℃, CIN=1.0μF(ceramic), CL2=1.0μF(ceramic)
XC6419(VOUT2=1.5V) VR2
1.35
1.40
1.45
1.50
1.55
1.60
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
InputVoltage : VIN (V)
IOUT2=1mA
IOUT2=10mA
IOUT2=30mA
Ta=25℃, CIN=1.0μF(ceramic), CL2=1.0μF(ceramic)
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(2) Output Voltage vs. Input Current (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com