Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC6419DA07ML Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC6419DA07ML
Description  Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6419DA07ML Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC6419DA07ML Datasheet HTML 17Page - Torex Semiconductor XC6419DA07ML Datasheet HTML 18Page - Torex Semiconductor XC6419DA07ML Datasheet HTML 19Page - Torex Semiconductor XC6419DA07ML Datasheet HTML 20Page - Torex Semiconductor XC6419DA07ML Datasheet HTML 21Page - Torex Semiconductor XC6419DA07ML Datasheet HTML 22Page - Torex Semiconductor XC6419DA07ML Datasheet HTML 23Page - Torex Semiconductor XC6419DA07ML Datasheet HTML 24Page - Torex Semiconductor XC6419DA07ML Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
21/29
XC6419
Series
(9) 入力過渡応答特性例
XC6419(VOUT1=2.8V) VR1
-0.2
0.8
1.8
2.8
3.8
4.8
5.8
Time (100μs/div)
2.70
2.75
2.80
2.85
2.90
2.95
3.00
IOUT1=0.1mA
IOUT1=1mA
IOUT1=30mA
IOUT1=100mA
Input Voltage
Output Voltage
tr=tf=5μs, Ta=25℃, VIN=3.8⇔4.8V, CL1=1.0μF(ceramic)
XC6419(VOUT1=5.0V) VR1
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Time (100μs/div)
4.90
4.95
5.00
5.05
5.10
5.15
5.20
IOUT1=0.1mA
IOUT1=1mA
IOUT1=30mA
IOUT1=100mA
Input Voltage
Output Voltage
tr=tf=5μs, Ta=25℃
VIN=5.5⇔6.0V, CL1=1.0μF(ceramic)
XC6419(VOUT1=1.5V) VR1
-1.5
-0.5
0.5
1.5
2.5
3.5
4.5
Time (100μs/div)
1.40
1.45
1.50
1.55
1.60
1.65
1.70
IOUT1=0.1mA
IOUT1=1mA
IOUT1=30mA
IOUT1=100mA
Input Voltage
Output Voltage
tr=tf=5μs, Ta=25℃, VIN=2.5⇔3.5V, CL1=1.0μF(ceramic)
XC6419(VOUT2=2.8V) VR2
-0.2
0.8
1.8
2.8
3.8
4.8
5.8
Time (100μs/div)
2.70
2.75
2.80
2.85
2.90
2.95
3.00
IOUT2=0.1mA
IOUT2=1mA
IOUT2=30mA
Input Voltage
Output Voltage
tr=tf=5μs, Ta=25℃, VIN=3.8⇔4.8V, CL2=1.0μF(ceramic)
XC6419(VOUT1=5.0V) VR2
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Time (100μs/div)
4.90
4.95
5.00
5.05
5.10
5.15
5.20
IOUT2=0.1mA
IOUT2=1mA
IOUT2=30mA
Input Voltage
Output Voltage
tr=tf=5μs, Ta=25℃
VIN=5.5⇔6.0V, CL1=1.0μF(ceramic)
XC6419(VOUT2=1.5V) VR2
-1.5
-0.5
0.5
1.5
2.5
3.5
4.5
Time (100μs/div)
1.40
1.45
1.50
1.55
1.60
1.65
1.70
IOUT2=0.1mA
IOUT2=1mA
IOUT2=30mA
Input Voltage
Output Voltage
tr=tf=5μs, Ta=25℃, VIN=2.5⇔3.5V, CL2=1.0μF(ceramic)
(9) Input Transient Response (Continued)
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com