Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1952IGNPBF Datasheet(PDF) 12 Page - Linear Technology

Part # LT1952IGNPBF
Description  Single Switch Synchronous Forward Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1952IGNPBF Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1952IGNPBF Datasheet HTML 8Page - Linear Technology LT1952IGNPBF Datasheet HTML 9Page - Linear Technology LT1952IGNPBF Datasheet HTML 10Page - Linear Technology LT1952IGNPBF Datasheet HTML 11Page - Linear Technology LT1952IGNPBF Datasheet HTML 12Page - Linear Technology LT1952IGNPBF Datasheet HTML 13Page - Linear Technology LT1952IGNPBF Datasheet HTML 14Page - Linear Technology LT1952IGNPBF Datasheet HTML 15Page - Linear Technology LT1952IGNPBF Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LT1952/LT1952-1
12
19521fd
Shutdown and Programming Undervoltage Lockout
The LT1952/LT1952-1 have an accurate 1.32V shutdown
threshold at the SD_VSEC pin. This threshold can be
used in conjunction with a resistor divider to define the
undervoltage lockout threshold (UVLO) of the system
input voltage (VS) to the power converter (Figure 3). A pin
current hysteresis (10μA before part turn on, 0μA after
part turn on) allows UVLO hysteresis to be programmed.
Calculation of the ON/OFF thresholds for the supply (SVIN)
to the power converter can be made as follows:
VS OFF Threshold = 1.32[1 + (R1/R2)]
VS ON Threshold = SVIN OFF + (10μA • R1)
A simple open drain transistor can be added to the resistor
divider network at the SD_VSEC pin to control the turn off
of the LT1952/LT1952-1 (Figure 3).
The SD_VSEC pin must not be left open since there must
be an external source current >10μA to lift the pin past its
1.32V threshold for part turn on.
APPLICATIONS INFORMATION
Micropower Start-Up: Selection of Start-Up Resistor
and Capacitor for VIN
The LT1952/LT1952-1 use turn-on voltage hysteresis at
the VIN pin and low start-up current to allow micro-power
start-up (Figure 4). The LT1952/LT1952-1 monitor VIN pin
voltage to allow part turn on at 14.25V (7.75V LT1952-1)
and part turn off at 8.75V (6.5V LT1952-1). Low start-up
OPERATION
Slope Compensation
The current mode architecture requires slope compensa-
tion to be added to the current sensing loop to prevent
subharmonic oscillations which can occur for duty cycles
above 50%. Unlike most current mode converters which
have a slope compensation ramp that is fixed internally,
placing a constraint on inductor value and operating
frequency, the LT1952/LT1952-1 have externally adjust-
able slope compensation. Slope compensation can be
programmed by inserting an external resistor (RSLOPE)
in series with the ISENSE pin. The LT1952/LT1952-1 have
a linear slope compensation ramp which sources current
out of the ISENSE pin of approximately 8μA at 0% duty
cycle to 35μA at 80% duty cycle.
Overcurrent Detection and Soft-Start (OC Pin)
An added feature to the LT1952/LT1952-1 is a precise
100mV sense threshold at the OC pin used to detect
overcurrent conditions in the converter and set a soft-start
latch. The OC pin is connected directly to the source of
the primary side MOSFET to monitor peak current in the
MOSFET (Figure 7). The 107mV threshold is constant
over the entire duty cycle range of the converter because
it is unaffected by the slope compensation added to the
ISENSE pin.
Synchronizing
A SYNC pin allows the LT1952/LT1952-1 oscillator to be
synchronized to an external clock. The SYNC pin can be
driven from a logic level output, requiring less than 0.8V
for a logic level low and greater than 2.2V for a logic level
high. Duty cycle should run between 10% and 90%. To
avoid loss of slope compensation during synchroniza-
tion, the free running oscillator frequency (fOSC) should
be programmed to 80% of the external clock frequency
(fSYNC). The RSLOPE resistor chosen for non-synchronized
operation should be increased by 1.25x (= fSYNC/fOSC).
Figure 3. Programming Undervoltage Lockout (UVLO)
1.32V
SYSTEM
INPUT (VS)
OPTIONAL
SHUTDOWN
TRANSISTOR
1952 F03
SD_VSEC
11μA
LT1952/LT1952-1
R1
R2
+
–
OFF
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com