Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1952IGNPBF Datasheet(PDF) 16 Page - Linear Technology

Part # LT1952IGNPBF
Description  Single Switch Synchronous Forward Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1952IGNPBF Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1952IGNPBF Datasheet HTML 12Page - Linear Technology LT1952IGNPBF Datasheet HTML 13Page - Linear Technology LT1952IGNPBF Datasheet HTML 14Page - Linear Technology LT1952IGNPBF Datasheet HTML 15Page - Linear Technology LT1952IGNPBF Datasheet HTML 16Page - Linear Technology LT1952IGNPBF Datasheet HTML 17Page - Linear Technology LT1952IGNPBF Datasheet HTML 18Page - Linear Technology LT1952IGNPBF Datasheet HTML 19Page - Linear Technology LT1952IGNPBF Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LT1952/LT1952-1
16
19521fd
Example calculation for (2)
For RT = 35.7k, RB = 100k, VREF = 2.5V,
RDELAY = 40k, fOSC = 200kHz and SD_VSEC = 1.32V,
this gives SS_MAXDC(DC) = 1.84V, tDELAY = 40ns
and k = 1
Maximum Duty Cycle Clamp
= 1 • 0.522(1.84/1.32) – (40ns • 200kHz)
= 0.728 – 0.008 = 0.72 (Duty Cycle Clamp = 72%)
Note 1: To achieve the same maximum duty cycle clamp at
100kHz as calculated for 200kHz, the SS_MAXDC voltage
should be reprogrammed by:
SS_MAXDC(DC) (100kHz)
= SS_MAXDC(DC) (200kHz) • k (200kHz)/k (100kHz)
= 1.84 • 1.0/1.055 = 1.74V (k = 1.055 for 100kHz)
Note 2 : To achieve the same maximum duty cycle clamp
while synchronizing to an external clock at the SYNC pin,
the SS_MAXDC voltage should be re-programmed as:
SS_MAXDC (DC) (fsync)
= SS_MAXDC (DC) (200kHz) • [(fosc/fsync) +
0.09(fosc/200kHz)0.6]
For SS_MAXDC (DC) (200kHz) = 1.84V for 72%
duty cycle
SS_MAXDC (DC) (fsync = 250kHz) for 72%
duty cycle
= 1.84 • [(200kHz/250kHz) + 0.09(1)0.6]
= 1.638V
Programming Soft-Start Timing
The LT1952/LT1952-1 have built-in soft-start capability to
provide low stress controlled start-up from a list of fault
conditions that can occur in the application (see Figure 1
and Figure 10). The LT1952/LT1952-1 provide true PWM
soft-start by using the SS_MAXDC pin to control soft-start
timing. The proportional relationship between SS_MAXDC
voltage and switch maximum duty cycle clamp allows
the SS_MAXDC pin to slowly ramp output voltage by
ramping the maximum switch duty cycle clamp—until
switch duty cycle clamp seamlessly meets the natural duty
cycle of the converter. A capacitor CSS on the SS_MAXDC
pin and the resistor divider from VREF used to program
APPLICATIONS INFORMATION
maximum switch duty cycle clamp, determine soft-start
timing (Figure 11).
A soft-start event is triggered for the following faults:
(1) VIN < 8.75V, or
(2) SD_VSEC < 1.32V (UVLO), or
(3) OC > 107mV (overcurrent condition)
When a soft-start event is triggered, switching at SOUT
and OUT is stopped immediately. A soft-start latch is set
and SS_MAXDC pin is discharged. The SS_MAXDC pin can
only recharge when the soft-start latch has been reset.
Note: A soft-start event caused by (1) or (2) above, also
causes VREF to be disabled and to fall to ground.
Soft-start latch reset requires all of the following:
Figure 10. Soft-Start Timing
SOFT-START
EVENT TRIGGERED
SOFT-START
EVENT TRIGGERED
TIMING (A): SOFT START FAULT REMOVED
BEFORE SS_MAXDC FALLS TO 0.45V
TIMING (A): SOFT START FAULT REMOVED
BEFORE SS_MAXDC FALLS TO 0.45V
SS_MAXDC
SS_MAXDC
0.8V (ACTIVE THRESHOLD)
0.8V (ACTIVE THRESHOLD)
0.45V (RESET THRESHOLD)
0.45V (RESET THRESHOLD)
1952 F10
1952 F10
TIMING (B): SOFT-START FAULT REMOVED
AFTER SS_MAXDC FALLS PAST 0.45V
TIMING (B): SOFT-START FAULT REMOVED
AFTER SS_MAXDC FALLS PAST 0.45V
SS_MAXDC
SS_MAXDC
0.8V (ACTIVE THRESHOLD)
0.8V (ACTIVE THRESHOLD)
0.45V (RESET THRESHOLD)
0.45V (RESET THRESHOLD)
0.2V
0.2V
Figure 11. Programming Soft-Start Timing
SS_MAXDC CHARGING MODEL
SS_MAXDC(DC) = VREF [RB/(RT + RB)]
RCHARGE = [RT • RB/(RT + RB)]
SS_MAXDC(DC)
1952 F11
SS_MAXDC
LT1952/
LT1952-1
RCHARGE
SS_MAXDC
VREF
LT1952/
LT1952-1
RB
CSS
RT
CSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com