Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COREDES-SN Datasheet(PDF) 4 Page - Actel Corporation

Part # COREDES-SN
Description  CoreDES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREDES-SN Datasheet(HTML) 4 Page - Actel Corporation

  COREDES-SN Datasheet HTML 1Page - Actel Corporation COREDES-SN Datasheet HTML 2Page - Actel Corporation COREDES-SN Datasheet HTML 3Page - Actel Corporation COREDES-SN Datasheet HTML 4Page - Actel Corporation COREDES-SN Datasheet HTML 5Page - Actel Corporation COREDES-SN Datasheet HTML 6Page - Actel Corporation COREDES-SN Datasheet HTML 7Page - Actel Corporation COREDES-SN Datasheet HTML 8Page - Actel Corporation COREDES-SN Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CoreDES
4
v4.0
CoreDES Device Requirements
The CoreDES macro has been implemented in several of the Actel device families. A summary of the implementation
data is listed in Table 1.
Data throughput is computed by taking the bit width of the data (64 bits), dividing by the number of cycles (16), and
multiplying by the clock rate (performance); the result is listed in Mbps (millions of bits per second).
CoreDES Verification
The comprehensive simulation testbench (included with
Netlist and RTL versions of the core) verifies the CoreDES
macro against several of the tests listed in NIST Special
Publication 800-17, Modes of Operation Validation
System (MOVS): Requirements and Procedures. The
testbench applies several tests to the CoreDES macro,
including: sample round output tests, variable plaintext
tests, variable cipher key tests, permutation operation
tests, and substitution table tests. Using the supplied
testbench as a guide, the user can easily customize the
verification of the core by adding or removing any of the
tests listed in NIST Special Publication 800-17 or by
adding any custom test cases.
Table 1 • CoreDes Device Utilization and Performance
Family
Cells or Tiles
Utilization
Performance
Throughput
Sequential
Combinatorial
Total
Device
Total
Fusion
148
1123
1271
AFS600
10%
80 MHz
320 Mbps
ProASIC3/E
148
1123
1271
A3PE600-2
10%
80 MHz
320 Mbps
ProASICPLUS
142
1328
1470
APA075-STD
48%
50 MHz
200 Mbps
Axcelerator
141
601
742
AX125-3
37%
125 MHz
500 Mbps
RTAX-S
141
601
742
RTAX1000S-1
4%
74 MHz
296 Mbps
SX-A
141
628
769
A54SX16A-3
53%
100 MHz
400 Mbps
RTSX-S
141
628
769
RT54SX32S-2
27%
55 MHz
220 Mbps
Note:
Data in this table achieved using typical synthesis and layout settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com