Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COREDES-SN Datasheet(PDF) 6 Page - Actel Corporation

Part # COREDES-SN
Description  CoreDES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREDES-SN Datasheet(HTML) 6 Page - Actel Corporation

Back Button COREDES-SN Datasheet HTML 2Page - Actel Corporation COREDES-SN Datasheet HTML 3Page - Actel Corporation COREDES-SN Datasheet HTML 4Page - Actel Corporation COREDES-SN Datasheet HTML 5Page - Actel Corporation COREDES-SN Datasheet HTML 6Page - Actel Corporation COREDES-SN Datasheet HTML 7Page - Actel Corporation COREDES-SN Datasheet HTML 8Page - Actel Corporation COREDES-SN Datasheet HTML 9Page - Actel Corporation COREDES-SN Datasheet HTML 10Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CoreDES
6
v4.0
Encryption
To begin the process of encrypting data, the following
inputs are set:
1. K[1:64] is set to the cipher key (ck1 in Figure 6) to
encrypt the data.
2. D[1:64] is set to the plaintext data (d1 in Figure 6)
to be encrypted.
3. ED is set to logic '1'.
4. EN is set to logic '1'.
After 16 clock cycles of the EN input being held
continuously at a logic '1' value, the QVAL signal will
transition from logic '0' to logic '1' and remain valid for
one
clock
cycle,
indicating
that
valid
ciphered
(encrypted) data (shown as q1 in Figure 6) is available on
the Q[1:64] outputs.
Figure 6 • Example Encryption Sequence
CLK
K[1:64]
D[1:64]
ED
EN
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16
cycle
Q[1:64]
QVAL
q1
ck1
d1
Don't care
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com