Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COREAI-SR Datasheet(PDF) 16 Page - Actel Corporation

Part # COREAI-SR
Description  CoreAI
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREAI-SR Datasheet(HTML) 16 Page - Actel Corporation

Back Button COREAI-SR Datasheet HTML 12Page - Actel Corporation COREAI-SR Datasheet HTML 13Page - Actel Corporation COREAI-SR Datasheet HTML 14Page - Actel Corporation COREAI-SR Datasheet HTML 15Page - Actel Corporation COREAI-SR Datasheet HTML 16Page - Actel Corporation COREAI-SR Datasheet HTML 17Page - Actel Corporation COREAI-SR Datasheet HTML 18Page - Actel Corporation COREAI-SR Datasheet HTML 19Page - Actel Corporation COREAI-SR Datasheet HTML 20Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
CoreAI
16
v2.0
Table 27 • Read FIFO Status Register
Bits
Name
Function
7:4
Reserved
Not used
3
AEMPTY
Read FIFO Almost Empty
1 – The read FIFO is almost empty (based on the value of the USE_RDFIFO_AEVAL parameter/
generic).
0 – The read FIFO is not almost empty.
2
EMPTY
Read FIFO Empty
1 – The read FIFO is empty.
0 – The read FIFO is not empty.
1
AFULL
Read FIFO Almost Full
1 – The read FIFO is almost full (based on the value of the USE_RDFIFO_AFVAL parameter/generic).
0 – The read FIFO is not almost full.
0
FULL
Read FIFO Full
1 – The read FIFO is full.
0 – The read FIFO is not full.
Table 28 • Interrupt Enable Register (low-order)
Bits
Name
Function
7
Reserved
Not used
6:0
INTEN[6:0]
Low-Order Interrupt Enables
Each of these bits is ANDed with each of the bits in the INT[6:0] register to contribute to the ORed
INTERRUPT output. To mask the contribution of the corresponding bit in the INT[6:0] register, set
that bit to 0; to enable the contribution, set that bit to 1. Note that the INTEN[6:0] bits only mask
what appears on the INTERRUPT output and that the INT[6:0] register bits will always be active to
reflect current interrupt source conditions.
Table 29 • Interrupt Enable Register (high-order)
Bits
Name
Function
7:0
INTEN[14:7]
High-Order Interrupt Enables
Each of these bits is ANDed with each of the bits in the INT[14:7] register to contribute to the ORed
INTERRUPT output. To mask the contribution of the corresponding bit in the INT[14:7] register, set
that bit to 0; to enable the contribution, set that bit to 1. Note that the INTEN[14:7] bits only mask
what appears on the INTERRUPT output and that the INT[14:7] register bits will always be active to
reflect current interrupt source conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com