Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COREAI-SR Datasheet(PDF) 6 Page - Actel Corporation

Part # COREAI-SR
Description  CoreAI
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREAI-SR Datasheet(HTML) 6 Page - Actel Corporation

Back Button COREAI-SR Datasheet HTML 2Page - Actel Corporation COREAI-SR Datasheet HTML 3Page - Actel Corporation COREAI-SR Datasheet HTML 4Page - Actel Corporation COREAI-SR Datasheet HTML 5Page - Actel Corporation COREAI-SR Datasheet HTML 6Page - Actel Corporation COREAI-SR Datasheet HTML 7Page - Actel Corporation COREAI-SR Datasheet HTML 8Page - Actel Corporation COREAI-SR Datasheet HTML 9Page - Actel Corporation COREAI-SR Datasheet HTML 10Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
CoreAI
6
v2.0
Parameter/Generic Descriptions
CoreAI has parameters (Verilog) and generics (VHDL), described in Table 4, for configuring the RTL code. All
parameters and generics are integer types.
RTCCLK
Input
RTC Clock input – If the RTC is used (via the USE_RTC parameter/generic), this input must
come from the internal crystal oscillator (XTLOSC) CLKOUT pin; if the RTC is not used, this
pin should be tied low.
RTCXTLMODE1,
RTCXTLMODE0
Output
RTC XTLOSC Mode outputs – If the RTC is used (via the USE_RTC parameter/generic), these
output ports must be connected to the internal crystal oscillator (XTLOSC) RTCMODE[1:0]
pins; if the RTC is not used, these pins should be left unconnected.
RTCXTLSEL
Output
RTC XTLOSC Mode Selection output – If the RTC is used (via the USE_RTC parameter/
generic), this output port must be connected to the internal crystal oscillator (XTLOSC)
MODESEL pin; if the RTC is not used, this pin should be left unconnected.
RTCMATCH
Output
RTC Match output – If the RTC is used (via the USE_RTC parameter/generic), this output port
indicates that a match event has occurred and can be connected to other FPGA logic; if the
RTC is not used, this pin should be left unconnected.
RTCPSMMATCH
Output
RTC Match VRPSM output – If the RTC is used (via the USE_RTC parameter/generic), this
output port can be connected to the VRPSM pin of the internal voltage regulator to control
regulator power-up; if the RTC is not used, this pin should be left unconnected.
Table 4 • CoreAI Parameters/Generics Descriptions
Name
Valid Range
Description
APB_16BIT_DATA
0 or 1
Set this to 1 if the APB reads and writes are using all 16-bits of the
PRDATA[15:0] and PWDATA[15:0] ports, or to 0 if 8-bit APB reads and writes
are done on the PRDATA[15:0] and PWDATA[15:0] ports. If 8-bit APB reads
and writes are used, only the lower eight bits of each port are used, i.e.,
PRDATA[7:0] and PWDATA[7:0]; PWDATA[15:8] should be tied statically high
or low and PRDATA[15:8] should be left unconnected in this case. Note that
for 16-bit reads and writes, the internal address map shown in Table 9 on
page 11 will concatenate adjacent bytes since PADDR[0] will be ignored; in
this case, each byte that is addressed by PADDR[0] = 0 will correspond to the
LSB and each byte that is addressed by PADDR[0] = 1 will correspond to the
MSB of each 16-bit word. The default value of 0 uses 8-bit APB reads and
writes.
ACTLOW_INTERRUPT
0 or 1
Interrupt Active Low: Set this to 1 if the INTERRUPT output polarity is active
low, or to 0 if the INTERRUPT output polarity is active high. The default value
of 0 is active high.
DISABLE_INTERRUPT
0 or 1
Disable Interrupt: Set this to 1 if the INTERRUPT output will not be used, in
which case the INTERRUPT output will be fixed at the inactive polarity chosen
by ACTLOW_INTERRUPT, i.e., INTERRUPT = ACTLOW_INTERRUPT; set this to 0
if the INTERRUPT output is used. The default value of 0 uses the INTERRUPT
output.
Note: *Invalid values are 3, 7, 11, and 15 (refer to the
Fusion datasheet).
Table 3 • CoreAI I/O Signal Descriptions (Continued)
Name
Type
Description
Note: All signals active high (logic 1) unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com