Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N3055H Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N3055H
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N3055H Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N3055H Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N3055H Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
1
isc Silicon NPN Power Transistor
2N3055H
DESCRIPTION
·Excellent Safe Operating Area
·DC Current Gain-hFE=20-70@IC = 4A
·Collector-Emitter Saturation Voltage-
: VCE(sat)= 1.1 V(Max)@ IC = 4A
APPLICATIONS
·Designed for general-purpose switching and amplifier
Applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.52
℃/W
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
100
V
VCER
Collector-Emitter Voltage
70
V
VCEO
Collector-Emitter Voltage
100
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
15
A
IB
Base Current
7
A
PC
Collector Power Dissipation@TC=25℃
115
W
TJ
Junction Temperature
200
℃
Tstg
Storage Temperature
-65~200
℃


Similar Part No. - 2N3055H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3055H ONSEMI-2N3055H Datasheet
81Kb / 4P
Complementary Silicon Power Transistors
April, 2004 ??Rev. 4
logo
New Jersey Semi-Conduct...
2N3055H NJSEMI-2N3055H Datasheet
84Kb / 1P
SILICON N-P-N GENERAL - PURPOSE
logo
List of Unclassifed Man...
2N3055HV ETC1-2N3055HV Datasheet
40Kb / 1P
TO-3 Power Package Transistors (NPN)
logo
TRANSYS Electronics Lim...
2N3055HV TEL-2N3055HV Datasheet
201Kb / 3P
NPN POWER TRANSISTOR
logo
Continental Device Indi...
2N3055HV CDIL-2N3055HV Datasheet
246Kb / 4P
NPN POWER TRANSISTOR
More results

Similar Description - 2N3055H

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com