Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A32100DXV-FPLC Datasheet(PDF) 78 Page - Actel Corporation

Part # A32100DXV-FPLC
Description  Integrator Series FPGAs: 1200XL and 3200DX Families
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100DXV-FPLC Datasheet(HTML) 78 Page - Actel Corporation

Back Button A32100DXV-FPLC Datasheet HTML 74Page - Actel Corporation A32100DXV-FPLC Datasheet HTML 75Page - Actel Corporation A32100DXV-FPLC Datasheet HTML 76Page - Actel Corporation A32100DXV-FPLC Datasheet HTML 77Page - Actel Corporation A32100DXV-FPLC Datasheet HTML 78Page - Actel Corporation A32100DXV-FPLC Datasheet HTML 79Page - Actel Corporation A32100DXV-FPLC Datasheet HTML 80Page - Actel Corporation A32100DXV-FPLC Datasheet HTML 81Page - Actel Corporation A32100DXV-FPLC Datasheet HTML 82Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 84 page
background image
Inte gra t or Serie s FP GAs: 1 200XL a nd 3200 DX F amilie s
78
Discontinued – v3.0
Pa ckage P i n Assign me nts (continued)
176-Pin CPGA (Top View)
1
A
23456789
10 11
B
C
D
E
F
G
H
J
K
L
176-Pin
CPGA
123456789
10 11
12
12
13
13
14
14
15
15
M
N
P
R
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
Signal
Pad Number
Location
PRA or I/O
152
C9
PRB or I/O
160
D7
MODE
2
C3
SDI or I/O
135
B14
DCLK or I/O
175
B3
CLKA or I/O
154
A9
CLKB or I/O
158
B8
GND
1, 8, 18, 23, 33, 38, 45, 57, 67, 77, 89
101, 106, 111, 121, 126, 133, 145, 156, 165
D4, E4, G4, H4, K4, L4, M4, M6, M8, M10, M12
K12, J12, J13, H12, F12, E12, D12, D10, C8, D6
VCC
13, 24, 28, 52, 68, 82, 112, 116, 140, 155, 170
F4, H2, H3, J4, M5, N8, M11, J14, H13, H14, G12, D11, D8, D5
Notes:
1.
Unused I/O pins are designated as outputs by ALS and are driven LOW.
2.
All unassigned pins are available for use as I/Os.
3.
MODE = GND, except during device programming or debugging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com