| Electronic Components Datasheet Search |
|
AX2000-1CGG896 Datasheet(PDF) 79 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CGG896 Datasheet(HTML) 79 Page - Actel Corporation |
|
79 / 226 page ![]() Axcelerator Family FPGAs v2.7 2-65 PLL Configurations The following rules apply to the different PLL inputs and outputs: Reference Clock The RefCLK can be driven by (Figure 2-50): 1. Global routed clocks (CLKE/F/G/H) or user-created clock network 2. CLK1 output of an adjacent PLL 3. [H]CLKxP (single-ended or voltage-referenced) 4. [H]CLKxP/[H]CLKxN pair (differential modes like LVPECL or LVDS) Feedback Clock The feedback clock can be driven by (Figure 2-51 on page 2-66): 1. Global routed clocks (CLKE/F/G/H) or user-created clock network 2. External [H]CLKxP/N I/O pad(s) from the adjacent PLL cell 3. An internal signal from the PLL block PLLSEL Input No ROOTSEL & PLLSEL are used to select the source of the global clock network ROOTSEL Input No Lock Output Yes High value indicates PLL has locked CLK1 Output Yes PLL clock output CLK2 Output Yes PLL clock output Note: If the input RefClk is taken outside its operating range, the outputs Lock, CLK1 and CLK2 are indeterminate. Note: Not all signals are available to the user. Figure 2-49 • PLL Logical Interface Table 2-79 • PLL Interface Signals (Continued) Signal Name Type User Accessible Allowable Values Function RefCLK FB CLK1 CLK2 REFSEL ROOTSEL FBMuxSEL [H]CLKINT [H]CLKxP [H]CLKxN I/O Core net CLK net FBINT 0 0 1 1 2 3 CLKINT CLK1 (PLLn-1) CLK1 (PLLn-1) [H]CLK To PLLn+1 PLLSEL OUTSEL CLK Out (Routed net out pin) PLL Figure 2-50 • Reference Clock Connections Non-clock Pins P N INBUF PLL RefCLK RefCLK PLL RefCLK PLL PLL CLK1 Regular, LVPECL, or LVDS IOPAD Any macro from the core, except HCLK nets For cascading Logic |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |