Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS87C52X2-VCAB Datasheet(PDF) 41 Page - TEMIC Semiconductors

Part # TS87C52X2-VCAB
Description  8-bit CMOS Microcontroller 0-60 MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS87C52X2-VCAB Datasheet(HTML) 41 Page - TEMIC Semiconductors

Back Button TS87C52X2-VCAB Datasheet HTML 37Page - TEMIC Semiconductors TS87C52X2-VCAB Datasheet HTML 38Page - TEMIC Semiconductors TS87C52X2-VCAB Datasheet HTML 39Page - TEMIC Semiconductors TS87C52X2-VCAB Datasheet HTML 40Page - TEMIC Semiconductors TS87C52X2-VCAB Datasheet HTML 41Page - TEMIC Semiconductors TS87C52X2-VCAB Datasheet HTML 42Page - TEMIC Semiconductors TS87C52X2-VCAB Datasheet HTML 43Page - TEMIC Semiconductors TS87C52X2-VCAB Datasheet HTML 44Page - TEMIC Semiconductors TS87C52X2-VCAB Datasheet HTML 45Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
Rev. B - Jan. 25, 1999
41
Preliminary
TS80C52X2
10.3 DC Parameters for Low Voltage
TA =0
°Cto+70°C; V
SS =0V;VCC = 2.7 V to 5.5 V ± 10%;F=0to30 MHz.
TA = -40
°Cto+85°C; V
SS =0V;VCC = 2.7 V to 5.5 V ± 10%;F=0to30 MHz.
Table 23. DC Parameters for Low Voltage
NOTES
1.
Operating ICC is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns (see Figure 16.), VIL = VSS + 0.5 V,
VIH = VCC - 0.5V; XTAL2 N.C.; EA = RST = Port 0 = VCC. ICC would be slightly higher if a crystal oscillator used..
2.
Idle ICC is measured with all output pins disconnected; XTAL1 driven with TCLCH,TCHCL = 5 ns, VIL =VSS + 0.5 V, VIH =VCC - 0.5 V; XTAL2
N.C; Port 0 = VCC; EA = RST = VSS (see Figure 14.).
3.
Power Down ICC is measured with all output pins disconnected; EA = VSS, PORT 0 = VCC; XTAL2 NC.; RST = VSS (see Figure 15.).
4.
Capacitance loading on Ports 0 and 2 may cause spurious noise pulses to be superimposed on the VOLs of ALE and Ports 1 and 3. The noise is
due to external bus capacitance discharging into the Port 0 and Port 2 pins when these pins make 1 to 0 transitions during bus operation. In the worst
cases (capacitive loading 100pF), the noise pulse on the ALE line may exceed 0.45V with maxi VOL peak 0.6V. A Schmitt Trigger use is not necessary.
5.
Typicals are based on a limited number of samples and are not guaranteed. The values listed are at room temperature and 5V.
6.
Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum IOL per port pin: 10 mA
Maximum IOL per 8-bit port:
Port 0: 26 mA
Ports 1, 2 and 3: 15 mA
Maximum total IOL for all output pins: 71 mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed test conditions.
7.
For other values, please contact your sales office.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIL
Input Low Voltage
-0.5
0.2 VCC - 0.1
V
VIH
Input High Voltage except XTAL1, RST
0.2 VCC + 0.9
VCC + 0.5
V
VIH1
Input High Voltage, XTAL1, RST
0.7 VCC
VCC + 0.5
V
VOL
Output Low Voltage, ports 1, 2, 3 (6)
0.45
V
IOL = 0.8 mA
(4)
VOL1
Output Low Voltage, port 0, ALE, PSEN (6)
0.45
V
IOL = 1.6 mA
(4)
VOH
Output High Voltage, ports 1, 2, 3
0.9 VCC
V
IOH = -10 µA
VOH1
Output High Voltage, port 0, ALE, PSEN
0.9 VCC
V
IOH = -40 µA
IIL
Logical 0 Input Current ports 1, 2 and 3
-50
µA
Vin = 0.45 V
ILI
Input Leakage Current
±10
µA
0.45 V < Vin < VCC
ITL
Logical 1 to 0 Transition Current, ports 1, 2, 3
-650
µA
Vin = 2.0 V
RRST
RST Pulldown Resistor
50
90 (5)
200
k
Ω
CIO
Capacitance of I/O Buffer
10
pF
Fc = 1 MHz
TA = 25
°C
IPD
Power Down Current
TBD (5)
TBD
µA
VCC = 2.0 V to 5.5 V
(3)
ICC
Power Supply Current (7)
Active Mode 16MHz
Idle Mode
16MHz
TBD (5)
TBD (5)
TBD
TBD
mA
mA
VCC = 3.3 V
(1)
VCC = 3.3 V
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com