Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS87C52X2-VCAB Datasheet(PDF) 44 Page - TEMIC Semiconductors

Part # TS87C52X2-VCAB
Description  8-bit CMOS Microcontroller 0-60 MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS87C52X2-VCAB Datasheet(HTML) 44 Page - TEMIC Semiconductors

Back Button TS87C52X2-VCAB Datasheet HTML 40Page - TEMIC Semiconductors TS87C52X2-VCAB Datasheet HTML 41Page - TEMIC Semiconductors TS87C52X2-VCAB Datasheet HTML 42Page - TEMIC Semiconductors TS87C52X2-VCAB Datasheet HTML 43Page - TEMIC Semiconductors TS87C52X2-VCAB Datasheet HTML 44Page - TEMIC Semiconductors TS87C52X2-VCAB Datasheet HTML 45Page - TEMIC Semiconductors TS87C52X2-VCAB Datasheet HTML 46Page - TEMIC Semiconductors TS87C52X2-VCAB Datasheet HTML 47Page - TEMIC Semiconductors TS87C52X2-VCAB Datasheet HTML 48Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
44
Rev. B - Jan. 25, 1999
Preliminary
TS80C52X2
10.4.2 External Program Memory Characteristics
Table 25. AC Parameters for Fix Clock
Table 24. Symbol Description
Symbol
Parameter
T
Oscillator clock period
TLHLL
ALE pulse width
TAVLL
Address Valid to ALE
TLLAX
Address Hold After ALE
TLLIV
ALE to Valid Instruction In
TLLPL
ALE to PSEN
TPLPH
PSEN Pulse Width
TPLIV
PSEN to Valid Instruction In
TPXIX
Input Instruction Hold After PSEN
TPXIZ
Input Instruction FloatAfter PSEN
TPXAV
PSEN to Address Valid
TAVIV
Address to Valid Instruction In
TPLAZ
PSEN Low to Address Float
Speed
(see ordering)
-M
-V
-L
Units
Symbol
Min
Max
Min
Max
Min
Max
T
25
17
50
ns
TLHLL
40
25
60
ns
TAVLL
10
7
20
ns
TLLAX
10
7
20
ns
TLLIV
70
45
125
ns
TLLPL
10
7
20
ns
TPLPH
60
45
105
ns
TPLIV
25
25
60
ns
TPXIX
0
0
0
ns
TPXIZ
18
12
30
ns
TPXAV
18
12
30
ns
TAVIV
85
53
145
ns
TPLAZ
10
10
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com