| Electronic Components Datasheet Search |
|
LTC1098ACN8-TRPBF Datasheet(PDF) 16 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1098ACN8-TRPBF Datasheet(HTML) 16 Page - Linear Technology |
|
16 / 32 page ![]() LTC1096/LTC1096L LTC1098/LTC1098L 16 10968fc The wake-up time is inherently provided for the LTC1098(L) with setup time = 1μs (see Figure 2). Data Transfer The CLK synchronizes the data transfer with each bit being transmitted on the falling CLK edge and captured on the rising CLK edge in both transmitting and receiving sys- tems. The LTC1098(L) first receives input data and then transmits back the A/D conversion result (half duplex). Because of the half duplex operation, DIN and DOUT may be tied together allowing transmission over just three wires: CS, CLK and DATA (DIN/DOUT). Data transfer is initiated by a falling chip select (CS) signal. After CS falls the LTC1098(L) looks for a start bit. After the start bit is received, the 3-bit input word is shifted into the DIN input which configures the LTC1098(L) and starts the conversion. After one null bit, the result of the conversion Figure 1. LTC1096(L) Operating Sequence is output on the DOUT line. At the end of the data exchange CS should be brought high. This resets the LTC1098(L) in preparation for the next data exchange. The LTC1096(L) does not require a configuration input word and has no DIN pin. A falling CS initiates data trans- feras shown in the LTC1096(L) operating sequence. After CS falls, the first CLK pulse enables DOUT. After one null bit, the A/D conversion result is output on the DOUT line. Bringing CS high resets the LTC1096(L) for the next data exchange. CLK tCYC CS B7* B6 B5 B4 B3 B2 B1 B0 B1 B2 B3 B4 B5 B6 B7 NULL BIT Hi-Z DOUT 10968 F01 POWER DOWN Hi-Z tsuCS tWAKEUP tCONV CLK CS tCYC POWER DOWN tWAKEUP B0 B1 B2 B3 B4 B5 B6 B7 Hi-Z DOUT tCONV HI-Z tsuCS NULL BIT *AFTER COMPLETING THE DATA TRANSFER, IF FURTHER CLOCKS ARE APPLIED WITH CS LOW, THE ADC WILL OUTPUT ZEROS INDEFINITELY. (MSB) (MSB) APPLICATIONS INFORMATION DIN 1 DIN 2 DOUT 1 DOUT 2 CS SHIFT MUX ADDRESS IN 1 NULL BIT SHIFT A/D CONVERSION RESULT OUT 10968 AI01 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |