Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1098ACN8-TRPBF Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1098ACN8-TRPBF
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1098ACN8-TRPBF Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1098ACN8-TRPBF Datasheet HTML 16Page - Linear Technology LTC1098ACN8-TRPBF Datasheet HTML 17Page - Linear Technology LTC1098ACN8-TRPBF Datasheet HTML 18Page - Linear Technology LTC1098ACN8-TRPBF Datasheet HTML 19Page - Linear Technology LTC1098ACN8-TRPBF Datasheet HTML 20Page - Linear Technology LTC1098ACN8-TRPBF Datasheet HTML 21Page - Linear Technology LTC1098ACN8-TRPBF Datasheet HTML 22Page - Linear Technology LTC1098ACN8-TRPBF Datasheet HTML 23Page - Linear Technology LTC1098ACN8-TRPBF Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LTC1096/LTC1096L
LTC1098/LTC1098L
20
10968fc
APPLICATIONS INFORMATION
of the converter will draw current. This current may be
larger than the typical supply current. It is worthwhile to
bring the CS pin all the way to ground when it is low and
all the way to supply voltage when it is high to obtain the
lowest supply current.
When the CS pin is high (= supply voltage), the converter
is in shutdown mode and draws only leakage current. The
status of the DIN and CLK input have no effect on supply
current during this time. There is no need to stop DIN and
CLK with CS = high, except the MPU may benefit.
Minimize CS Low Time
In systems that have significant time between conversions,
lowest power drain will occur with the minimum CS low
time. Bringing CS low, waiting 10μs for the wake-up time,
transferring data as quickly as possible, and then bringing
it back high will result in the lowest current drain. This
minimizes the amount of time the device draws power.
Even though the device draws more power at high clock
rates, the net power is less because the device is on for
a shorter time.
DOUT Loading
Capacitive loading on the digital output can increase
power consumption. A 100pF capacitor on the DOUT pin
can more than double the 100μA supply current drain at a
500kHz clock frequency. An extra 100μA or so of current
goes into charging and discharging the load capacitor. The
same goes for digital lines driven at a high frequency by
any logic. The CxVxf currents must be evaluated and the
troublesome ones minimized.
Lower Supply Voltage
For lower supply voltages, LTC offers the LTC1096L/
LTC1098L. These pin compatible devices offer specified
performance to 2.65VMIN supply.
OPERATING ON OTHER THAN 5V SUPPLIES
The LTC1096 operates from 3V to 9V supplies and the
LTC1098 operates from 3V to 6V supplies. To operate the
LTC1096/LTC1098 on other than 5V supplies, a few things
must be kept in mind.
Wake-Up Time
A 10μs wake-up time must be provided for the ADCs
to convert correctly on a 5V supply. The wake-up time
is typically less than 3μs over the supply voltage range
(see typical curve of Wake-Up Time vs Supply Voltage).
With 10μs wake-up time provided over the supply range,
the ADCs will have adequate time to wake up and acquire
input signals.
Input Logic Levels
The input logic levels of CS, CLK and DIN are made to meet
TTL on 5V supply. When the supply voltage varies, the
input logic levels also change. For the LTC1096/LTC1098
to sample and convert correctly, the digital inputs have
to meet logic low and high levels relative to the operating
supply voltage (see typical curve of Digital Input Logic
Threshold vs Supply Voltage). If achieving micropower
consumption is desirable, the digital inputs must go rail-
to-rail between supply voltage and ground (see ACHIEVING
MICROPOWER PERFORMANCE section).
Clock Frequency
The maximum recommended clock frequency is 500kHz
for the LTC1096/LTC1098 running off a 5V supply. With the
supply voltage changing, the maximum clock frequency
for the devices also changes (see the typical curve of
Maximum Clock Rate vs Supply Voltage). If the maximum
clock frequency is used, care must be taken to ensure that
the device converts correctly.
Mixed Supplies
It is possible to have a microprocessor running off a 5V
supply and communicate with the LTC1096/LTC1098 op-
erating on 3V or 9V supplies. The requirement to achieve
this is that the outputs of CS, CLK and DIN from the MPU
have to be able to trip the equivalent inputs of the ADCs
and the output of DOUT from the ADCs must be able to
toggle the equivalent input of the MPU (see typical curve
of Digital Input Logic Threshold vs Supply Voltage). With
the LTC1096 operating on a 9V supply, the output of DOUT
may go between 0V and 9V. The 9V output may damage
the MPU running off a 5V supply. The way to get around
this possibility is to have a resistor divider on DOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com