Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1503CS8-2 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1503CS8-2
Description  High Efficiency Inductorless Step-Down DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1503CS8-2 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1503CS8-2 Datasheet HTML 4Page - Linear Technology LTC1503CS8-2 Datasheet HTML 5Page - Linear Technology LTC1503CS8-2 Datasheet HTML 6Page - Linear Technology LTC1503CS8-2 Datasheet HTML 7Page - Linear Technology LTC1503CS8-2 Datasheet HTML 8Page - Linear Technology LTC1503CS8-2 Datasheet HTML 9Page - Linear Technology LTC1503CS8-2 Datasheet HTML 10Page - Linear Technology LTC1503CS8-2 Datasheet HTML 11Page - Linear Technology LTC1503CS8-2 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1503-1.8/LTC1503-2
Figure 3. Output Ripple Reduction Techniques
+
VOUT
LTC1503-X
LTC1503-X
VOUT
10
µF
TANTALUM
0.5
Ω
1
µF
CERAMIC
+
VOUT
VOUT
1503-1.8/2 F03
10
µF
TANTALUM
+
10
µF
TANTALUM
capacitor on VOUT to reduce both the low and high fre-
quency ripple. An RC filter may also be used to reduce high
frequency voltage spikes.
Protection Features
The LTC1503-X contains both thermal shutdown and
short-circuit protection features. The charge pump will
shut down when the junction temperature reaches ap-
proximately 150
°C and will resume operation once the
junction temperature has dropped back to 125
°C. The part
will limit output current to 20mA (typ) when a short-circuit
condition (VOUT < 150mV) exists to prevent damage to the
internal switches. During start-up, the 20mA current limit
is disabled once VOUT reaches 0.7V (typ). The part can
survive an indefinite short from VOUT to GND.
Layout Considerations
For best regulation and noise performance, careful board
layout is required. Improper bypassing and grounding
may lead to poor load regulation and output ripple perfor-
mance. All capacitors, especially CIN and COUT, must be as
close as possible to the VIN and VOUT pins. Connecting the
GND pin and all bypass capacitors to an uninterrupted
ground plane is also advised. See Figure 4 for recom-
mended component placement and grounding.
C2
LTC1503-X
GND
C1
VIN
CIN
COUT
1503-1.8/2 F04
SHDN/SS
VOUT
Figure 4. Recommended Component Placement and Grounding
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com