Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1503CS8-2 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1503CS8-2
Description  High Efficiency Inductorless Step-Down DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1503CS8-2 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1503CS8-2 Datasheet HTML 4Page - Linear Technology LTC1503CS8-2 Datasheet HTML 5Page - Linear Technology LTC1503CS8-2 Datasheet HTML 6Page - Linear Technology LTC1503CS8-2 Datasheet HTML 7Page - Linear Technology LTC1503CS8-2 Datasheet HTML 8Page - Linear Technology LTC1503CS8-2 Datasheet HTML 9Page - Linear Technology LTC1503CS8-2 Datasheet HTML 10Page - Linear Technology LTC1503CS8-2 Datasheet HTML 11Page - Linear Technology LTC1503CS8-2 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1503-1.8/LTC1503-2
©LINEAR TECHNOLOGY CORPORATION 1999
150312f LT/TP 0200 4K • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
PART NUMBER
DESCRIPTION
COMMENTS
LTC1474/LTC1475
Low Quiescent Current Step-Down DC/DC Converter
IOUT to 250mA, IQ = 10µA; 8-Lead MSOP
LTC1502-3.3
Single Cell to 3.3V Quadrupler Charge Pump
VIN = 0.9V to 1.8V, IOUT = 10mA; IQ = 40µA
LTC1514/LTC1515
Micropower, Regulated 5V Step-Up/Step-Down
2V to 10V Input Range; Up to 50mA Output Current: Short-Circuit
Charge Pump DC/DC Converters
and Overtemperature Protected
LTC1555/LTC1556
SIM Power Supply and Level Translator
Step-Up/Step-Down Charge Pump Generates 5V or 3V
LTC1627
Monolithic Synchronous Buck Step-Down
2.65V to 8.5V Input Range; VOUT from 0.8V, IOUT to 500mA;
Switching Regulator
Low Dropout Operation; 100% Duty Cycle
LTC1754-3.3
3.3V Charge Pump with Shutdown in SOT-23
50mA Output Current, ICC = 13µA
LTC1754-5
5V Charge Pump with Shutdown in SOT-23
50mA Output Current, ICC = 13µA
RELATED PARTS
DC/DC Converter with Shutdown and Soft-Start
4
2
3
5
1
8
6
7
LTC1503-1.8
1
µF
10nF
2N7002
ON OFF
1503-1.8/2 TA03
1
µF
10
µF
1-CELL Li-Ion OR
3-CELL NiMH
10
µF
VOUT = 1.8V
IOUT = 100mA
VOUT
C2–
C2+
GND
VIN
C1–
C1+
SHDN/SS
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com