Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4311ISC6-TRMPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4311ISC6-TRMPBF
Description  Low Voltage I2C/SMBus Accelerator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4311ISC6-TRMPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4311ISC6-TRMPBF Datasheet HTML 4Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 5Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 6Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 7Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 8Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 9Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 10Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 11Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC4311
8
4311fa
APPLICATIONS INFORMATION
A general procedure for selecting RP and RL is as fol-
lows:
1. RL is first selected based on the I/O protection
requirement. Generally, an RS of 100Ω is sufficient for
high voltage spikes and ESD protection. RON is
determined by the size of the open-drain driver, a large
driver will have a lower RON.
2. The value of RP is determined based on the VOL and
minimum slew rate requirements. The VOLwilldetermine
the smallest resistance value that can be used in a
system, and the minimum slew requirement will bound
the resistance on the upper end. Generally the largest
value of resistance that meets the minimum slew rate
with some margin will be selected.
3. For I2C systems incorporating the LTC4311, the rise
times are met under most loading conditions, due to
the strong accelerator current. The pull-down drivers
are typically low impedance, and therefore fall times
are not generally an issue. Rise and fall time
requirements must be verified using equations 3 and
4 (for an I2C system) or equations 5 to 8 (for an SMBus
system). The value chosen for RP must ensure that
both the rise and fall time specifications are met
simultaneously.
I2C Design Example
Given the following conditions and requirements:
V
CC = 3.3V NOMINAL
V
OL = 0.4V MAXIMUM
C
BUS = 600pF
V
ILMAX = 0.99V, VIHMIN = 2.31V
t
r = 0.3µs MAXIMUM, t f = 0.3µs MAXIMUM
(9)
If an RS of 100Ω is used and the max RON of the driver is
200Ω, then RL = 200Ω + 100Ω = 300Ω. Use equation 1
to find the required RP to meet VOL.
R
P =
300
Ω•(3.3V –0.4V)
0.4V
R
P = 2.175k
(10)
For an I2C system with fixed input levels, VILMAX = 1.5V
and VIHMIN = 3V. For I2C systems with VCC related input
levels, VILMAX = 0.3VCC and VIHMIN = 0.7VCC.
CBUS is the total capacitance of the I2C line.
SMBus Rise and Fall Time
Rise time of a SMBus line is derived using equations 5,
6 and 7.
t
r = t1 +t2
(5)
t1 is the time from when the bus crosses the lower slew
rate measurement point, until the bus reaches VTHR and the
accelerators fire. The time from when the accelerators fire
until the bus reaches the upper slew rate measure point is
given by t2. Equations for t1 and t2 are given here:
t
1 = –RP • CBUS • ln
V
THR –VCC
V
ILMAX – 0.15V – VCC
⎧
⎨
⎩
⎫
⎬
⎭
(6)
If (VILMAX – 0.15V) > VTHR, then t1 = 0
t
2 = –RP • CBUS •
ln
V
IHMIN + 0.15V – VCC –RP •I PULLUPAC
V
THR –VCC –RP •IPULLUP AC
⎧
⎨
⎩
⎫
⎬
⎭
(7)
Fall time of an SMBus line is derived using equation 8:
t
f = RT • CBUS •
ln
V
IHMIN + 0.15V
V
CC
•(R
P + RL )–RL
V
ILMAX – 0.15V
V
CC
•(R
P + RL )–RL
⎧
⎨
⎪⎪
⎩
⎪
⎪
⎫
⎬
⎪⎪
⎭
⎪
⎪
(8)
For an SMBus system, VILMAX = 0.8V and VIHMIN = 2.1V.
CBUS is the total bus capacitance of the SMBus line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com