Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4311ISC6-TRMPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4311ISC6-TRMPBF
Description  Low Voltage I2C/SMBus Accelerator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4311ISC6-TRMPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC4311ISC6-TRMPBF Datasheet HTML 1Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 2Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 3Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 4Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 5Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 6Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 7Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 8Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC4311
3
4311fa
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive. All voltages are referenced to
GND unless otherwise specified.
Note 3: Thermal characteristics are determined with exposed pad soldered
to GND plane. If the exposed pad is left open, thermal characteristics can
be drastically different.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Positive Supply Voltage
●
1.6
5.5
V
ICC
Supply Current
VCC = 5.5V, ENABLE = 5.5V, VBUS1 = VBUS2 = 0V
●
200
300
μA
ICC_STANDBY Supply Current, Standby Mode
VCC = 5.5V, ENABLE = 5.5V, VBUS1 = VBUS2 = 5.5V
●
26
45
μA
ICC_DISABLED Supply Current, Disabled
VCC = 5.5V, ENABLE = 0V, VBUS1 = VBUS2 = 5.5V
●
±5
μA
IPULLUPAC
Transient Boosted Pull-up Current
Positive Transition on Bus, Slew Rate = 0.5V/μs
VCC = 1.8V, BUS > VTHR
●
2.5
5
mA
IBUS(IN)
BUS1,BUS2, Input Leakage Current
VCC = 0V, VBUS1 = VBUS2 = 5.5V
●
±5
μA
IENABLE(IN)
ENABLE Input Leakage Current
VCC = 0V, VENABLE = 5.5V
●
±10
μA
VTHR
Bus Input Threshold Voltage
VCC = 1.8V
●
0.45
0.55
0.65
V
VCC = 2.5V
●
0.65
0.75
0.85
V
VCC = 2.7V to 5.5V
●
0.68
0.78
0.88
V
VTHR_ENABLE ENABLE Threshold Voltage
VCC = 1.6V, 5.5V
●
0.4
1
1.5
V
SRTHRESH
Slew Rate Detector Threshold
BUS > VTHR, VCC = 1.8V, 5.5V
●
0.2
0.5
V/μs
tr
Fast Mode I2C Bus Rise Time
Bus Capacitance = 400pF, VCC = 3V (Note 4)
●
300
ns
fMAX
Bus Maximum Operating Frequency
(Note 5)
●
400
kHz
•
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V, unless otherwise noted.
Note 4: The rise time of an I2C bus line is calculated from VIL(MAX) to
VIH(MIN) or 0.9V to 2.1V (with VCC = 3V). This parameter is guaranteed by
design and not tested. With a minimum boosted pull-up current of 2.5mA:
Rise Time = (2.1V – 0.9V) • 400pF/2.5mA = 0.19μs.
Note 5: Determined by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com