Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4355CS-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4355CS-PBF
Description  Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355CS-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4355CS-PBF Datasheet HTML 6Page - Linear Technology LTC4355CS-PBF Datasheet HTML 7Page - Linear Technology LTC4355CS-PBF Datasheet HTML 8Page - Linear Technology LTC4355CS-PBF Datasheet HTML 9Page - Linear Technology LTC4355CS-PBF Datasheet HTML 10Page - Linear Technology LTC4355CS-PBF Datasheet HTML 11Page - Linear Technology LTC4355CS-PBF Datasheet HTML 12Page - Linear Technology LTC4355CS-PBF Datasheet HTML 13Page - Linear Technology LTC4355CS-PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC4355
0
4355fa
applicaTions inForMaTion
AdjustR2downby1%to344k
Wtoaccountforitstolerance.
The next lower standard resistor value is R2 = 340k
W.
The LED D1, a Panasonic Green LN1351C, requires at
least 1mA of current to fully turn on. Therefore, R5 is set
to 33k
W to accommodate the lowest input supply voltage
of 36V.
Layout Considerations
The following advice should be considered when laying
out a printed circuit board for the LTC4355.
The inputs to the servo amplifiers, IN1, IN2, and OUT
should be connected as closely as possible to the
MOSFETs’ terminals for good accuracy.
Keep the traces to the MOSFETs wide and short. The PCB
traces associated with the power path through the MOS-
FETs should have low resistance (see Figure 2).
For the DFN package, pin spacing may be a concern at
voltages greater then 30V. Check creepage and clearance
guidelines to determine if this is an issue. Use no-clean
solder to minimize PCB contamination.
Figure 2. Layout Considerations
S
S
S
G
D
D
D
D
D
D
D
D
G
S
S
S
LTC4355
FET
FET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com