Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4355CS-PBF Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4355CS-PBF
Description  Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355CS-PBF Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4355CS-PBF Datasheet HTML 8Page - Linear Technology LTC4355CS-PBF Datasheet HTML 9Page - Linear Technology LTC4355CS-PBF Datasheet HTML 10Page - Linear Technology LTC4355CS-PBF Datasheet HTML 11Page - Linear Technology LTC4355CS-PBF Datasheet HTML 12Page - Linear Technology LTC4355CS-PBF Datasheet HTML 13Page - Linear Technology LTC4355CS-PBF Datasheet HTML 14Page - Linear Technology LTC4355CS-PBF Datasheet HTML 15Page - Linear Technology LTC4355CS-PBF Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC4355

4355fa
Figure 4. 36V to 72V/10A with Positive Supply and Negative Supply Diode-ORing,
Combined Fault Outputs, and Zener Clamps on MOSFET Gates
4355 F04
LTC4355
LTC4354
FAULT
GND
GATE1
GATE2
IN1
OUT
IN2
MON1
MON2
SET
12.7k
340k
12.7k
1
µF
340k
10A
12k
2k
33k
GREEN LEDs
PANASONIC
LN1351C
10A
15A
15A
IRLR3110ZPbF
IRLR3110ZPbF
IRLR3110ZPbF
IRLR3110ZPbF
VA = 48V
VB = 48V
VSS
VCC
GB
GA
DB
DA
GNDA
GNDB
2k
VDSFLT
FUSEFLT1
FUSEFLT2
PWRFLT1
PWRFLT2
LOAD
12V ZENER
CM4Z669-LTC
12V ZENER
CM4Z669-LTC
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com