Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTM4606MPV-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTM4606MPV-PBF
Description  Ultralow EMI 28VIN, 6A DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4606MPV-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM4606MPV-PBF Datasheet HTML 4Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 5Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 6Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 7Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 8Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 9Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 10Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 11Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTM4606
8
4606f
BLOCK DIAGRAM
COMP (Pins A11, D11): Current Control Threshold and Er-
ror Amplifier Compensation Point. The current comparator
threshold increases with this control voltage. The voltage
ranges from 0V to 2.4V with 0.7V corresponding to zero
sense voltage (zero current).
PGOOD (Pin G12): Output Voltage Power Good Indicator.
Open-drain logic output that is pulled to ground when the
output voltage is not within ±10% of the regulation point,
after a 25μs power bad mask timer expires.
RUN (Pins A10, B9): Run Control Pins. A voltage above
1.9V will turn on the module, and below 1V will turn off
the module. A programmable UVLO function can be ac-
complished with a resistor from VIN to this pin that has a
5.1V zener to ground. Maximum pin voltage is 5V.
PIN FUNCTIONS
DECOUPLING REQUIREMENTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN
External Input Capacitor Requirement
(VIN = 4.5V to 28V, VOUT = 2.5V)
IOUT = 6A
10
μF
COUT
External Output Capacitor Requirement
(VIN = 4.5V to 28V, VOUT = 2.5V)
IOUT = 6A
100
200
μF
TA = 25°C. Use Figure 1 configuration.
+
INTERNAL
COMP
SGND
COMP
PGOOD
RUN
>1.9V = ON
<1V = OFF
MAX = 5V
MARG1
MARG0
MPGM
FCB
PLLIN
CSS
INTVCC
DRVCC
TRACK/SS
VFB
fSET
50k
41.2k
RFB
19.1k
50k
60.4k
VOUT
5.1V
ZENER
POWER CONTROL
M1
VIN
4.5V TO 28V
VD
VOUT
2.5V
AT 6A
M2
50k
22μF
1.5μF
CIN
+
COUT
PGND
4606 F01
CD
10k
4.7μF
INPUT
FILTER
NOISE
CANCEL-
LATION
Figure 1. Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com