Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTM4606MPV-PBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4606MPV-PBF
Description  Ultralow EMI 28VIN, 6A DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4606MPV-PBF Datasheet(HTML) 3 Page - Linear Technology

  LTM4606MPV-PBF Datasheet HTML 1Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 2Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 3Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 4Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 5Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 6Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 7Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 8Page - Linear Technology LTM4606MPV-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTM4606
3
4606f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full internal
operating temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, unless otherwise noted. Per typical application
(front page) configuration, RFB = 40.2k.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ(VIN)
Input Supply Bias Current
VIN = 5V, No Switching
VIN = 5V, VOUT = 1.5V, Switching Continuous
VIN = 12V, No Switching
VIN = 12V, VOUT = 1.5V, Switching Continuous
Shutdown, RUN = 0, VIN = 12V
1.5
27
2.5
25
22
mA
mA
mA
mA
μA
IS(VIN)
Input Supply Current
VIN = 12V, VOUT = 1.5V, IOUT = 6A
VIN = 5V, VOUT = 1.5V, IOUT = 6A
0.96
2.18
A
A
INTVCC
VIN = 12V, RUN > 2V
No Load
4.7
5
5.3
V
Output Specifications
IOUT(DC)
Output Continuous Current Range
VIN = 12V, VOUT = 1.5V (Note 4)
0
6
A
ΔVOUT(LINE)/VOUT
Line Regulation Accuracy
VOUT = 1.5V, FCB = 0V, VIN = 4.5V to 28V,
IOUT = 0A
l
0.05
0.3
%
ΔVOUT(LOAD)/VOUT
Load Regulation Accuracy
VOUT = 1.5V, FCB = 0V, IOUT = 0A to 6A
VIN = 12V (Note 4)
l
0.3
%
VIN(AC)
Input Ripple Voltage
IOUT = 0A, CIN = 10μF X5R Ceramic x3 and
100μF Electrolytic
VIN = 5V, VOUT = 1.5V
VIN = 12V, VOUT = 1.5V
2
3
mVP-P
mVP-P
VOUT(AC)
Output Ripple Voltage
IOUT = 0A, COUT = 22μF X5R Ceramic x3 and
100μF X5R Ceramic
VIN = 5V, VOUT = 1.5V
VIN = 12V, VOUT = 1.5V
8
11
mVP-P
mVP-P
fS
Output Ripple Voltage Frequency
IOUT = 5A, VIN = 12V, VOUT = 1.5V
900
kHz
ΔVOUT(START)
Turn-On Overshoot,
TRACK/SS = 10nF
COUT = 200μF, VOUT = 1.5V, IOUT = 0A
VIN = 12V
VIN = 5V
20
20
mV
mV
tSTART
Turn-On Time, TRACK/SS = Open
COUT = 200μF; VOUT = 1.5V, IOUT = 1A
Resistive Load
VIN = 5V
VIN = 12V
0.5
0.5
ms
ms
ΔVOUT(LS)
Peak Deviation for Dynamic Load
Load: 0% to 50% to 0% of Full Load
COUT = 22μF Ceramic, 470μF x2
VIN = 12V
VOUT = 1.5V
35
mV
tSETTLE
Settling Time for Dynamic Load Step
VIN = 12V
Load: 0% to 50% to 0% of Full Load,
VIN = 12V
25
μs
IOUT(PK)
Output Current Limit
COUT = 200μF
VIN = 5V, VOUT = 1.5V
VIN = 12V, VOUT = 1.5V
10
10
A
A
Control Section
VFB
Voltage at VFB Pin
IOUT = 0A, VOUT = 1.5V
l
0.594
0.6
0.606
V
VRUN
RUN Pin On/Off Threshold
1
1.5
1.9
V
ISS/TRACK
Soft-Start Charging Current
VSS/TRACK = 0V
–1
–1.5
–2
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com