Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AON7403L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AON7403L
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON7403L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AON7403L Datasheet HTML 1Page - Alpha & Omega Semiconductors AON7403L Datasheet HTML 2Page - Alpha & Omega Semiconductors AON7403L Datasheet HTML 3Page - Alpha & Omega Semiconductors AON7403L Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Symbol
VDS
VGS
IDM
TJ, TSTG
Symbol
Typ
Max
30
40
60
75
RθJC
4
4.5
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
°C/W
Maximum Junction-to-Case
D
Steady-State
Continuous Drain
Current
TA=25°C
IDSM
TA=25°C
PDSM
TC=25°C
Maximum Junction-to-Ambient
A
Steady-State
Power Dissipation
A
V
±25
Gate-Source Voltage
Drain-Source Voltage
ID
Pulsed Drain Current
C
-6
-20
-20
-80
TA=70°C
1.6
1
-8
A
Continuous Drain
Current
B,G
Maximum
Units
Parameter
TC=25°C
TC=100°C
-30
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
Junction and Storage Temperature Range
PD
°C
27
11
-55 to 150
TC=100°C
TA=70°C
Power Dissipation
B
W
AON7403
P-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = -30V
ID = -8A
(VGS = -10V)
RDS(ON) < 18mΩ (VGS = -10V)
RDS(ON) < 36mΩ (VGS = -4.5V)
General Description
The AON7403/L uses advanced trench technology to
provide excellent RDS(ON), and ultra-low low gate
charge with a 25V gate rating. This device is suitable
for use as a load switch or in PWM applications.
AON7403 and AON7403L are electrically identical.
-RoHS Compliant
-AON7403L is Halogen Free
G
S
S
S
D
D
D
D
DFN 3x3
Top View
Bottom View
Pin 1
G
D
S
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AON7403L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7403 AOSMD-AON7403 Datasheet
202Kb / 5P
30V P-Channel MOSFET
AON7403 AOSMD-AON7403_11 Datasheet
202Kb / 5P
30V P-Channel MOSFET
More results

Similar Description - AON7403L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com