Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AON7403L Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AON7403L
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON7403L Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AON7403L Datasheet HTML 1Page - Alpha & Omega Semiconductors AON7403L Datasheet HTML 2Page - Alpha & Omega Semiconductors AON7403L Datasheet HTML 3Page - Alpha & Omega Semiconductors AON7403L Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AON7403
Symbol
Min
Typ
Max
Units
BVDSS
-30
V
-1
TJ=55°C
-5
IGSS
±100
nA
VGS(th)
-1.7
-2.2
-3
V
ID(ON)
-80
A
14
18
TJ=125°C
20
25
26
36
gFS
21
S
VSD
-0.7
-1
V
IS
-3
A
Ciss
1130
1400
pF
Coss
240
pF
Crss
155
pF
Rg
5.8
8
Ω
Qg
18
24
nC
Qgs
5.5
nC
Qgd
3.3
nC
tD(on)
8.7
ns
tr
8.5
ns
tD(off)
18
ns
tf
7ns
trr
12
16
ns
Qrr
26
nC
150
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Drain-Source Breakdown Voltage
On state drain current
ID=-250µA, VGS=0V
VGS=-10V, VDS=-5V
VDS=-30V, VGS=0V
VDS=0V, VGS= ±25V
Zero Gate Voltage Drain Current
Gate-Body leakage current
IDSS
µ
A
Body Diode Reverse Recovery Charge IF=-8A, dI/dt=500A/µs
Body Diode Reverse Recovery Time
VGS=-10V, ID=-8A
Reverse Transfer Capacitance
IF=-8A, dI/dt=500A/µs
Gate Threshold Voltage
VDS=VGS ID=-250µA
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
VGS=-4.5V, ID=-6A
IS=-1A,VGS=0V
VDS=-5V, ID=-10A
Turn-On Rise Time
Turn-Off DelayTime
VGS=-10V, VDS=-15V, RL=1.8Ω,
RGEN=3Ω
Turn-Off Fall Time
Turn-On DelayTime
Gate Source Charge
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Total Gate Charge
VGS=-10V, VDS=-15V, ID=-8A
Gate Drain Charge
SWITCHING PARAMETERS
Maximum Body-Diode Continuous Current
Output Capacitance
DYNAMIC PARAMETERS
RDS(ON)
m
Ω
VGS=0V, VDS=-15V, f=1MHz
Input Capacitance
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
A: The value of RθJA is measured with the device in a still air environment with T A =25°C. The power dissipation PDSM and current rating IDSM are
based on TJ(MAX)=150°C, using steady state junction-to-ambient thermal resistance.
B. The power dissipation PD is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C: Repetitive rating, pulse width limited by junction temperature T J(MAX)=150°C.
D. The RθJA is the sum of the thermal impedence from junction to case R θJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
The SOA curve provides a single pulse rating.
G. The maximum current rating is limited by bond-wires.
Rev0: Jun 2008
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com