Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3220IPF-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3220IPF-PBF
Description  360mA Universal 18-Channel LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3220IPF-PBF Datasheet(HTML) 1 Page - Linear Technology

  LTC3220IPF-PBF Datasheet HTML 1Page - Linear Technology LTC3220IPF-PBF Datasheet HTML 2Page - Linear Technology LTC3220IPF-PBF Datasheet HTML 3Page - Linear Technology LTC3220IPF-PBF Datasheet HTML 4Page - Linear Technology LTC3220IPF-PBF Datasheet HTML 5Page - Linear Technology LTC3220IPF-PBF Datasheet HTML 6Page - Linear Technology LTC3220IPF-PBF Datasheet HTML 7Page - Linear Technology LTC3220IPF-PBF Datasheet HTML 8Page - Linear Technology LTC3220IPF-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC3220/LTC3220-1
1
32201fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
360mA Universal
18-Channel LED Driver
The LTC3220/LTC3220-1 are highly integrated multi-display
LED drivers. These parts contain a high efficiency, low noise
charge pump to provide power to up to eighteen universal
LED current sources. The LTC3220/LTC3220-1 require
only five small ceramic capacitors to form a complete
LED power supply and current controller.
The LED currents are set by an internal precision cur-
rent reference. Independent dimming, on/off, blinking
and gradation control for all universal current sources
is achieved via the I2C serial interface. 6-bit linear DACs
are available to adjust brightness levels independently for
each universal LED current source.
The LTC3220/LTC3220-1 charge pump optimizes efficiency
based on the voltage across the LED current sources. The
part powers up in 1x mode and will automatically switch
to boost mode whenever any enabled LED current source
begins to enter dropout. The first dropout switches the
parts into 1.5x mode and a subsequent dropout switches
the LTC3220/LTC3220-1 into 2x mode. The parts reset to
1x mode whenever a data bit is updated via the I2C port.
n Eighteen 20mA Universal Current Sources with
64-Step Linear Brightness Control
n Independent On/Off, Brightness Level, Blinking and
Gradation Control for Each Current Source Using
2-Wire I2C Interface
n Low Noise Multi-Mode Charge Pump (1x, 1.5x, 2x)
Provides Up to 91% Efficiency
n Slew Limited Switching Reduces Conducted and
Radiated Noise (EMI)
n Up to 360mA Total Output Current
n Internal Current Reference
n Single Reset Pin for Asynchronous Shutdown and
Reset of All Data Registers
n Two I2C Addresses Are Available (LTC3220: 0011100,
LTC3220-1: 0011101)
n Automatic or Forced Mode Switching
n Internal Soft-Start Limits Inrush Current
n Short-Circuit/Thermal Protection
n 4mm × 4mm Ultrathin (0.55mm) 28-Lead QFN
Package
n Video Phones with QVGA+ Displays
n Keypad Lighting
n General/Miscellaneous Lighting
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 6411531.
DVCC
I2C
RESET
0.1μF
C1P
VIN
DVCC
SCL/SDA
VIN
C1
2.2μF
C2
2.2μF
C3
2.2μF
CPO
ULED1-18
C1M
GND
C2P
LTC3220
LTC3220-1
C2M
C4
4.7μF
RGB1
3220 TA01
18
RST
RGB2
RGB3
RGB4
MAIN
6-LED Main, 4 RGB LEDs


Similar Part No. - LTC3220IPF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3220IPF-PBF LINER-LTC3220IPF-PBF Datasheet
216Kb / 20P
360mA Universal 18-Channel LED Driver
More results

Similar Description - LTC3220IPF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3219 LINER-LTC3219 Datasheet
219Kb / 20P
250mA Universal Nine Channel LED Driver
LTC3220 LINER-LTC3220_1 Datasheet
216Kb / 20P
360mA Universal 18-Channel LED Driver
logo
Sanyo Semicon Device
LV5235V SANYO-LV5235V Datasheet
360Kb / 29P
18-channel LED Driver
logo
alpha microelectronics ...
AMG-LL9910B ALPHA-MICRO-AMG-LL9910B Datasheet
1Mb / 15P
Universal High Voltage Single Channel LED Driver
logo
Linear Technology
LTC3220 LINER-LTC3220_15 Datasheet
220Kb / 20P
360mA Universal 18-Channel LED Driver
LTC3220-1 LINER-LTC3220-1_15 Datasheet
220Kb / 20P
360mA Universal 18-Channel LED Driver
LTC3219 LINER-LTC3219_15 Datasheet
213Kb / 20P
250mA Universal Nine Channel LED Driver
logo
ON Semiconductor
LV5235V ONSEMI-LV5235V Datasheet
426Kb / 32P
18-channel LED Driver
March, 2014
logo
Integrated Device Techn...
ZLED7001 IDT-ZLED7001 Datasheet
304Kb / 14P
Universal LED Driver
logo
AIMTEC
AMEPR16-4229Z AIMTEC-AMEPR16-4229Z Datasheet
558Kb / 6P
up to 360mA | AC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com