Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3220IPF-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3220IPF-PBF
Description  360mA Universal 18-Channel LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3220IPF-PBF Datasheet(HTML) 4 Page - Linear Technology

  LTC3220IPF-PBF Datasheet HTML 1Page - Linear Technology LTC3220IPF-PBF Datasheet HTML 2Page - Linear Technology LTC3220IPF-PBF Datasheet HTML 3Page - Linear Technology LTC3220IPF-PBF Datasheet HTML 4Page - Linear Technology LTC3220IPF-PBF Datasheet HTML 5Page - Linear Technology LTC3220IPF-PBF Datasheet HTML 6Page - Linear Technology LTC3220IPF-PBF Datasheet HTML 7Page - Linear Technology LTC3220IPF-PBF Datasheet HTML 8Page - Linear Technology LTC3220IPF-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC3220/LTC3220-1
4
32201fb
TYPICAL PERFORMANCE CHARACTERISTICS
Mode Switch Dropout Times
1.5x Mode CPO Ripple
2x Mode CPO Ripple
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Based on long term current density limitations.
Note 3: The LTC3220E/LTC3220E-1 are guaranteed to meet performance
specifications from 0°C to 85°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls. The LTC3220I/LTC3220I-1
are guaranteed to meet performance specifications over the full –40°C to
125°C operating temperature range.
TA = 25°C unless otherwise noted.
Note 4: These devices include overtemperature protection that is intended
to protect the devices during momentary overload conditions. Junction
temperatures will exceed 125°C when overtemperature protection is
active. Continuous operation above the specified maximum operating
junction temperature may result in device degradation or failure.
Note 5: 1.5x mode output impedance is defined as (1.5VIN – VCPO)/IOUT.
2x mode output impedance is defined as (2VIN – VCPO)/IOUT.
Note 6: All values are referenced to VIH and VIL levels.
Note 7: Guaranteed by design.
VCPO
1V/DIV
VIN = 3.6V
250μs/DIV
3220 G01
1
1.5
2
VCPO
20mV/DIV
AC COUPLED
VIN = 3.6V
ICPO = 200mA
CCPO = 4.7μF
500ns/DIV
3220 G02
VCPO
20mV/DIV
AC COUPLED
VIN = 3.6V
ICPO = 200mA
CCPO = 4.7μF
500ns/DIV
3220 G03
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, DVCC = 3V, RST = high, C1 = C2 = C3 = 2.2μF, C4 = 4.7μF,
unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tHD,DAT(OUT)
Data Hold Time
0
900
ns
tHD,DAT(IN)
Input Data Hold Time
0
ns
tSU,DAT
Data Setup Time
100
ns
tLOW
Clock Low Period
1.3
μs
tHIGH
Clock High Period
0.6
μs
tf
Clock Data Fall Time
20
300
ns
tr
Clock Data Rise Time
20
300
ns
tSP
Spike Supression Time
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com