Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3569 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3569
Description  Triple Buck Regulator With 1.2A and Two 600mA Outputs and Individual Programmable References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3569 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3569 Datasheet HTML 9Page - Linear Technology LTC3569 Datasheet HTML 10Page - Linear Technology LTC3569 Datasheet HTML 11Page - Linear Technology LTC3569 Datasheet HTML 12Page - Linear Technology LTC3569 Datasheet HTML 13Page - Linear Technology LTC3569 Datasheet HTML 14Page - Linear Technology LTC3569 Datasheet HTML 15Page - Linear Technology LTC3569 Datasheet HTML 16Page - Linear Technology LTC3569 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC3569
13
3569f
OPERATION
Figure 3. VREF and ENx Timing Diagram
3569 TD
15
13
15
15
14
13
14
15
9
15
15
14
13
12
11
10
9
COUNTER INCREMENTS ON
FALLING EDGES OF EN
COUNTER RESETS TO FULL-SCALE IF EN
STAYS HIGH FOR MORE THAN 125μs
COUNTER RESETS TO FULL-SCALE IF EN
STAYS LOW FOR MORE THAN 170μs
DAC LOADS COUNTER VALUE IF
EN STAYS HIGH FOR MORE THAN 125μs
SOFT-START
BUCK ON
COUNT13 = 750mV
COUNT9
= 650mV
COUNT15 = 800mV
SOFT-START
0mV
0mV
VREF
VREF
COUNTER
(15:0)
DAC
(15:0)
BUCK OFF
BUCK OFF
SHUTDOWN
BUCK ON
EN
60ns < WIDTH < 55μs
tEN = 125μs (TYP)
tEN
tOFF 170μs (TYP)
tEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com